Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AT45
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AT45 Datasheet(HTML) 1 Page - STMicroelectronics

  AT45 Datasheet HTML 1Page - STMicroelectronics AT45 Datasheet HTML 2Page - STMicroelectronics AT45 Datasheet HTML 3Page - STMicroelectronics AT45 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAT 45
SMALL SIGNAL SCHOTTKY DIODE
DESCRIPTION
Metal to silicon junction diode primarly intended for
UHF mixers and ultrafast switching applications.
November 1994
DO 35
(Glass)
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
15
V
IF
Forward Continuous Current
Ta =25
°C30
mA
IFSM
Surge non Repetitive Forward Current
tp
≤ 1s
60
mA
Tstg
Tj
Storage and Junction Temperature Range
- 65 to +150
- 65 to +125
°C
°C
TL
Maximum Temperature for Soldering during 10s at 4mm from
Case
230
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Test Conditions
Value
Unit
Rth(j-a)
Junction-ambient*
400
°C/W
THERMAL RESISTANCE
* On infinite heatsink with 4mm lead length
1/4


Similar Part No. - AT45

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45 ATMEL-AT45 Datasheet
152Kb / 20P
1-Megabit 5.0-volt Only Serial DataFlash
AT45 ATMEL-AT45 Datasheet
116Kb / 16P
4-Megabit 5-volt Only Serial DataFlash
logo
Allied Components Inter...
AT4539 ALLIED-AT4539 Datasheet
644Kb / 1P
AUDIO TRANSFORMER
logo
List of Unclassifed Man...
AT4558 ETC1-AT4558 Datasheet
355Kb / 10P
Dual Operational Amplifier for Audio
logo
ATMEL Corporation
AT45BR3214B ATMEL-AT45BR3214B Datasheet
488Kb / 40P
32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
More results

Similar Description - AT45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com