Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3544 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3544
Description  Miniature Desktop Fan - 12V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3544 Datasheet(HTML) 2 Page - Adafruit Industries

  3544 Datasheet HTML 1Page - Adafruit Industries 3544 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
This little desktop fan is simple but super handy. It's a ~12VDC fan in a nice enclosure, you can sit it on 
your desk and power it off of any 9V or 12VDC power supply (even a USB booster cable if you want). 
We've used this fan pointing out to cool off hot projects or PCBs after reworking, or turn it around to 
make it an exhaust fan during soldering. 
It has a magnet in its base, making it easy to be fixed upon an iron or metal surface (maybe a good 
match for the Mag Hand workstation?). It's nice and quiet while operating and will fit in quite nicely 
with any workstation. There's an on/off switch when you're done working. It's hard not to be a fan of 
this fan! 
Power supply is not included ‐ technically it is rated for 12VDC but we've used it at 9VDC just fine. You 
can pick up a 9V 1A power supply here or if you have USB outlets, try a 12V USB booster cable. 
Technical Details
o
Power in via 5.5/2.1mm center‐positive DC jack 
o
Draws 0.2A at 12VDC rated operation 
Product Dimensions: 145.0mm x 116.0mm x 43.0mm / 5.7" x 4.6" x 1.7"  
Product Weight: 222.0g / 7.8oz  
 
 
 
 
 
 
 
 
 
 
 
                                               https://www.adafruit.com/product/3544 8‐8‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com