Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPFRA04MS Datasheet(PDF) 13 Page - Positronic.

Part # SPFRA04MS
Description  SCORPION MODULAR POWER, SIGNAL CONNECTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

SPFRA04MS Datasheet(HTML) 13 Page - Positronic.

Back Button SPFRA04MS Datasheet HTML 8Page - Positronic. SPFRA04MS Datasheet HTML 9Page - Positronic. SPFRA04MS Datasheet HTML 10Page - Positronic. SPFRA04MS Datasheet HTML 11Page - Positronic. SPFRA04MS Datasheet HTML 12Page - Positronic. SPFRA04MS Datasheet HTML 13Page - Positronic. SPFRA04MS Datasheet HTML 14Page - Positronic. SPFRA04MS Datasheet HTML 15Page - Positronic. SPFRA04MS Datasheet HTML 16Page - Positronic.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Positronic
Scorpion General Information
THE SCIENCE OF CERTAINTY
connectpositronic.com
13
SC
Standard conductivity contacts
HC
High conductivity contacts
*1 Contact Technical Sales for more details on additional contact sizes, material, finishes, and termination styles.
REMOVABLE CONTACTS, BUS BAR INTERNAL THREADS
PART NUMBER
Size
Gender
Female
Contact Style
Thread
SPFIT04M
SC
#4
Female
Closed entry
M5 x 0.8
SPFIT04MS
HC
#4
Female
Closed entry
M5 x 0.8
SPFIT04S
SC
#4
Female
Closed entry
10-24 UNC 2B
SPFIT04SS
HC
#4
Female
Closed entry
10-24 UNC 2B
SPMIT04M
SC
#4
Male
n/a
M5 x 0.8
SPMIT04MS
HC
#4
Male
n/a
M5 x 0.8
SPMIT04S
SC
#4
Male
n/a
10-24 UNC 2B
SPMIT04SS
HC
#4
Male
n/a
10-24 UNC 2B
REMOVABLE CONTACTS, BUS BAR EXTERNAL THREADS
PART NUMBER
Size
Gender
Female
Contact Style
Thread
SPFET04M
SC
#4
Female
Closed entry
M5 x 0.8
SPFET04MS
HC
#4
Female
Closed entry
M5 x 0.8
SPFET04S
SC
#4
Female
Closed entry
10-24 UNC 2A
SPFET04SS
HC
#4
Female
Closed entry
10-24 UNC 2A
SPMET04M
SC
#4
Male
n/a
M5 x 0.8
SPMET04MS
HC
#4
Male
n/a
M5 x 0.8
SPMET04S
SC
#4
Male
n/a
10-24 UNC 2A
SPMET04SS
HC
#4
Male
n/a
10-24 UNC 2A
REMOVABLE CONTACTS, RIGHT ANGLE THREAD FOR RING TERMINAL
PART NUMBER
Size
Gender
Female
Contact Style
Thread
Stranded
AWG [mm2]
SPFRA04M
SC
#4
Female
Closed entry
M5 x 0.8
#10 [5.3]
SPFRA04MS
HC
#4
Female
Closed entry
M5 x 0.8
#10 [5.3]
SPFRA04S
SC
#4
Female
Closed entry
10-24 UNC 2B
#10 [5.3]
SPFRA04SS
HC
#4
Female
Closed entry
10-24 UNC 2B
#10 [5.3]
SPMRA04M
SC
#4
Male
n/a
M5 x 0.8
#10 [5.3]
SPMRA04MS
HC
#4
Male
n/a
M5 x 0.8
#10 [5.3]
SPMRA04S
SC
#4
Male
n/a
10-24 UNC 2B
#10 [5.3]
SPMRA04SS
HC
#4
Male
n/a
10-24 UNC 2B
#10 [5.3]
CONTACTS*1
Female
Male
Female
Male
Female
Male
Scale 1:1
Scale 1:1
Scale 1:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com