Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX30 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # RX30
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

RX30 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  RX30 Datasheet HTML 1Page - RUBYCON CORPORATION RX30 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
RX30
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./130℃, 100kHz)
20℃, 100kHz
Impedance
(Ω MAX)
10
16
25
35
50
63
100
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./130℃, 100kHz)
200
400
22
15
4.7
5.6
6.8
10
4.7
5.6
6.8
33
2.2
2.7
3.3
1.5
1.8
1
330
470
1000
2200
3300
4700
330
470
1000
2200
3300
4700
220
330
470
1000
2200
3300
100
220
330
470
1000
2200
3300
4.7
10
22
33
47
100
220
330
470
1000
2200
33
47
100
220
330
470
1000
1500
4.7
10
22
33
47
100
220
330
470
8×11.5
10×12.5
10×20
12.5×25
16×25
16×31.5
8×11.5
10×12.5
10×20
12.5×25
16×31.5
16×35.5
8×11.5
10×12.5
10×16
12.5×20
16×31.5
16×35.5
8×11.5
10×12.5
10×16
10×20
12.5×25
16×35.5
18×35.5
8×11.5
8×11.5
8×11.5
8×11.5
8×11.5
10×12.5
10×20
12.5×20
12.5×25
16×31.5
18×40
8×11.5
10×12.5
10×16
12.5×20
12.5×25
16×25
16×31.5
18×40
8×11.5
8×11.5
8×11.5
10×12.5
10×16
12.5×20
16×25
16×31.5
18×31.5
360
620
960
1430
1900
2300
360
620
960
1430
2300
2550
360
620
800
1100
2300
2550
360
620
800
960
1430
2550
2800
100
200
260
300
300
520
890
1000
1200
2180
2800
250
400
450
820
1000
1500
1850
2350
100
200
220
260
330
670
1100
1300
1600
0.22
0.15
0.073
0.040
0.038
0.034
0.22
0.15
0.073
0.040
0.034
0.031
0.22
0.15
0.10
0.055
0.034
0.031
0.22
0.15
0.10
0.073
0.040
0.031
0.028
0.85
0.60
0.35
0.28
0.28
0.18
0.082
0.065
0.051
0.037
0.029
0.40
0.27
0.20
0.10
0.072
0.069
0.056
0.043
1.3
1.0
0.67
0.45
0.33
0.17
0.13
0.10
0.092
6.3×11
8×11.5
8×11.5
8×16
8×11.5
8×16
8×16
8×20
8×16
8×20
8×20
10×16
10×20
6.3×11
8×11.5
8×11.5
8×16
8×11.5
8×16
8×11.5
8×16
8×20
8×16
8×20
8×16
8×20
8×20
10×16
10×16
10×20
10×20
100
120
130
180
130
180
200
240
200
240
300
240
320
60
65
75
80
75
85
75
90
110
95
115
100
120
120
125
130
145
150



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com