Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT47 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAT47
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT47 Datasheet(HTML) 2 Page - STMicroelectronics

  BAT47 Datasheet HTML 1Page - STMicroelectronics BAT47 Datasheet HTML 2Page - STMicroelectronics BAT47 Datasheet HTML 3Page - STMicroelectronics BAT47 Datasheet HTML 4Page - STMicroelectronics BAT47 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
* Pulse test: tp
≤ 300µs δ < 2%.
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)
IR =10
µA
BAT47
20
V
IR =25
µA
BAT48
40
VF*
Tj =25
°CIF = 0.1mA
All Types
0.25
V
Tj =25
°CIF = 1mA
0.3
Tj =25
°CIF = 10mA
0.4
Tj =25
°CIF = 30mA
BAT47
0.5
Tj =25
°CIF = 150mA
0.8
Tj =25
°CIF = 300mA
1
Tj =25
°CIF = 50mA
BAT48
0.5
Tj =25
°CIF = 200mA
0.75
Tj =25
°CIF = 500mA
0.9
IR*Tj =25
°CVR = 1.5V
All Types
1
µA
Tj =60
°C
10
Tj =25
°C
VR = 10V
BAT47
4
Tj =60
°C
20
Tj =25
°C
VR = 20V
10
Tj =60
°C
30
Tj =25
°C
VR = 10V
BAT48
2
Tj =60
°C
15
Tj =25
°C
VR = 20V
5
Tj =60
°C
25
Tj =25
°C
VR = 40V
25
Tj =60
°C
50
STATIC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
C
Tj =25
°CVR =0V
f = 1MHz
20
pF
Tj =25
°CVR =1V
12
trr
Tj =25
°CIF = 10mA
VR =1V
irr = 1mA
RL = 100
Ω
10
ns
DYNAMIC CHARACTERISTICS
2/5
BAT 47/BAT 48



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com