Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0452 Datasheet(PDF) 2 Page - ON Semiconductor

Part # HCPL0452
Description  High Speed Transistor Optocouplers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL0452 Datasheet(HTML) 2 Page - ON Semiconductor

  HCPL0452 Datasheet HTML 1Page - ON Semiconductor HCPL0452 Datasheet HTML 2Page - ON Semiconductor HCPL0452 Datasheet HTML 3Page - ON Semiconductor HCPL0452 Datasheet HTML 4Page - ON Semiconductor HCPL0452 Datasheet HTML 5Page - ON Semiconductor HCPL0452 Datasheet HTML 6Page - ON Semiconductor HCPL0452 Datasheet HTML 7Page - ON Semiconductor HCPL0452 Datasheet HTML 8Page - ON Semiconductor HCPL0452 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.fairchildsemi.com
©2003 Fairchild Semiconductor Corporation
HCPL0XXX Rev.
2.2
20
HCPL0452, HCPL0453, HCPL0500, HCPL0501,
HCPL0530, HCPL0531, HCPL0534
High Speed Transistor Optocouplers
Single Channel: HCPL0452 HCPL0453 HCPL0500 HCPL0501
Dual Channel: HCPL0530 HCPL0531 HCPL0534
Features
■ High speed – 1 MBit/s
■ 15kV/μs minimum commone mode transient immunity
at VCM = 1500V (HCPL0453/0534)
■ Open collector output
■ Guaranteed performance over temperature: 0°C to
70°C
■ U.L. recognized (File # E90700)
■ VDE0884 recognized (file#136616)
– approval pending for HCPL0530/0531/0453
– ordering option V, e.g., HCPL0500V
■ BSI recognized (file# 8661, 8662)
– HCPL0452/0500/0501 only
Applications
■ Line receivers
■ Pulse transformer replacement
■ Output interface to CMOS-LSTTL-TTL
■ Wide bandwidth analog coupling
Description
The HCPL05XX, and HCPL04XX optocouplers consist of
an AlGaAs LED optically coupled to a high speed photo-
detector transistor housed in a compact 8-pin small out-
line package.
A separate connection for the bias of the photodiode
improves the speed by several orders of magnitude over
conventional phototransistor optocouplers by reducing
the base-collector capacitance of the input transistor. The
HCPL04XX devices do not have the base bonded out to
a lead for additional noise margin. The HCPL053X
devices have two channels per package for optimum
mounting density.
Truth Table
(positive Logic)
Schematics
LED
VO
ON
LOW
OFF
HIGH
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
*
N/C
N/C
HCPL0500, HCPL0501
*BASE NOT CONNECTED
FOR HCPL0452, HCPL0453
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
V
F2
_
+
HCPL0530/HCPL0531/HCPL0534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com