Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1802DB Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1802DB
Description  PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1802DB Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1802DB Datasheet HTML 2Page - Texas Instruments PCM1802DB Datasheet HTML 3Page - Texas Instruments PCM1802DB Datasheet HTML 4Page - Texas Instruments PCM1802DB Datasheet HTML 5Page - Texas Instruments PCM1802DB Datasheet HTML 6Page - Texas Instruments PCM1802DB Datasheet HTML 7Page - Texas Instruments PCM1802DB Datasheet HTML 8Page - Texas Instruments PCM1802DB Datasheet HTML 9Page - Texas Instruments PCM1802DB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
PCM1802
SLES023D – DECEMBER 2001 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: PCM1802
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 44.1 kHz, system clock = 384 fS, oversampling ratio = ×128, 24-bit data
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(8)
Analog performance specifications are tested with System Two™ audio measurement system by Audio Precision™, using 400-Hz HPF,
20-kHz LPF for 44.1-kHz operation or 40-kHz LPF for 96-kHz operation in RMS mode.
(9)
fS = 96 kHz, system clock = 256 fS, oversampling ratio = ×64.
(10) Minimum load on DOUT, BCK, LRCK, and FSYNC.
DYNAMIC PERFORMANCE(8)
THD+N
Total harmonic distortion + noise
fS = 44.1 kHz, VIN = –0.5 dB
0.0015%
0.003%
fS = 96 kHz, VIN = –0.5 dB, system clock = 256 fS,
oversampling ratio = ×64(9)
0.0025%
fS = 44.1 kHz, VIN = –60 dB
0.7%
fS = 96 kHz, VIN = –60 dB, system clock = 256 fS,
oversampling ratio = ×64(9)
1.2%
Dynamic range
fS = 44.1 kHz, A-weighted
100
105
dB
fS = 96 kHz, A-weighted, system clock = 256 fS,
oversampling ratio = ×64(9)
103
Signal to noise ratio
fS = 44.1 kHz, A-weighted
100
105
dB
fS = 96 kHz, A-weighted, system clock = 256 fS,
oversampling ratio = ×64(9)
103
Channel separation
fS = 44.1 kHz
96
103
dB
fS = 96 kHz, system clock = 256 fS, oversampling
ratio = ×64(9)
98
ANALOG INPUT
Input voltage
0.6 × VCC
VP–P
VREF1
Center voltage
0.5 × VCC
V
Input impedance
20
kΩ
Antialiasing filter frequency
response
–3 dB
300
kHz
DIGITAL FILTER PERFORMANCE
Pass band
0.454 fS
Hz
Stop band
0.583 fS
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
–65
dB
Delay time
17.4 / fS
s
HPF frequency response
–3 dB
0.019 fS
mHz
POWER SUPPLY REQUIREMENTS
VCC
Voltage
4.5
5
5.5
VDC
VDD
2.7
3.3
3.6
ICC
Supply current(10)
VCC = 5 V, VDD = 3.3 V
24
30
mA
IDD
fS = 44.1 kHz VCC = 5 V, VDD = 3.3 V
8.3
10
fS = 96 kHz, VCC = 5 V, VDD = 3.3 V
(8)
17
PD
Power dissipation
Operation
fS = 44.1 kHz, VCC = 5 V, VDD = 3.3 V
147
183
mW
fS = 96 kHz, VCC = 5 V, VDD = 3.3 V
(8)
176
Power down VCC = 5 V, VDD = 3.3 V
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com