Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1802DB.B Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1802DB.B
Description  PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1802DB.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1802DB.B Datasheet HTML 4Page - Texas Instruments PCM1802DB.B Datasheet HTML 5Page - Texas Instruments PCM1802DB.B Datasheet HTML 6Page - Texas Instruments PCM1802DB.B Datasheet HTML 7Page - Texas Instruments PCM1802DB.B Datasheet HTML 8Page - Texas Instruments PCM1802DB.B Datasheet HTML 9Page - Texas Instruments PCM1802DB.B Datasheet HTML 10Page - Texas Instruments PCM1802DB.B Datasheet HTML 11Page - Texas Instruments PCM1802DB.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Frequency [× fS]
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Oversampling
Ratio = ×128 and ×64
G004
Frequency [× fS]
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.00
0.25
0.50
0.75
1.00
Oversampling
Ratio = ×128 and ×64
G003
Frequency [× fS]
−200
−150
−100
−50
0
50
0
8
16
24
32
40
48
56
64
Oversampling Ratio = ´128
G001
Frequency [× fS]
−200
−150
−100
−50
0
50
0
8
16
24
32
Oversampling Ratio = ×64
G002
8
PCM1802
SLES023D – DECEMBER 2001 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: PCM1802
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
6.6.1 Typical Characteristics: Internal Filter
6.6.1.1 Digital Filter: Decimation Filter Frequency Response
TA = 25°C, VCC = 5 V, VDD = 3.3 V, Master mode, fS = 44.1 kHz, system clock = 384 fS, oversampling ratio =
×128, and 24-bit data (unless otherwise noted).
Figure 7. Amplitude vs Frequency Overall Characteristics
Figure 8. Amplitude vs Frequency Overall Characteristics
Figure 9. Amplitude vs Frequency Stop-Band Attenuation
Characteristics
Figure 10. Amplitude vs Frequency Pass-Band Ripple
Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com