Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP381/1.2/GREEN Datasheet(PDF) 1 Page - Multicomp Pro

Part # SP381/1.2/GREEN
Description  Heat Shrinks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SP381/1.2/GREEN Datasheet(HTML) 1 Page - Multicomp Pro

  SP381/1.2/GREEN Datasheet HTML 1Page - Multicomp Pro SP381/1.2/GREEN Datasheet HTML 2Page - Multicomp Pro SP381/1.2/GREEN Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
19/03/21
Heat Shrinks
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features:
•  Flexible, flame retarded
•  General purpose
•  Polyolefin tubing
Specifications
Shrink Ratio 
: 2:1
Shrink Temperature 
: 100°C
Min. Operating Temperature 
: -55°C
Max. Operating Temperature  : 135°C
Specification Values
Property
Test Method
Values
Tensile Strength
ISO 37
10 MPa min.
Ultimate Elongation
ISO 37
250% min.
Specific Gravity
ISO 1183
1.35 max.
Heat Shock
ASTM D2671
4 hrs at 250°C)
No dripping, cracking or 
flowing
Heat Ageing
Ultimate Elongation
ISO 188 (168 hrs at 175°C)
ISO 37
150% min.
Low Temperature Flexibility
ASTM D2671
(4 hrs at -55°C)
No cracking
Flammability (except Clear)
ASTM D876
Pass
Electric Strength
IEC 243
20 KV / mm min.
Corrosion (Copper Contact and Copper Mirror)
ASTM D2671
No corrosion
Water Absorption
ISO 62
0.5% max.
Fluid Resistance
Gasoline
Hydraulic Fluid
Lubricating Oil
Tensile Strength
Ultimate Elongation
ISO 1817
ISO 37
7 MPa min.
200% min.
Fungus Resistance
Tensile Strength
Ultimate Elongation
ISO 846
ISO 37
10 MPa min.
250% min.


Similar Part No. - SP381/1.2/GREEN

ManufacturerPart #DatasheetDescription
logo
Pro-Power
SP381/1.2/GREEN PROPOWER-SP381/1.2/GREEN Datasheet
185Kb / 8P
SP Series Heat Shrink Tubing
18/04/06 V1.0
More results

Similar Description - SP381/1.2/GREEN

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSE-B18X-035H CUI-HSE-B18X-035H Datasheet
513Kb / 7P
HEAT SINK
HSE-BX-01 CUI-HSE-BX-01 Datasheet
404Kb / 4P
HEAT SINK
HSE-BX-02 CUI-HSE-BX-02 Datasheet
476Kb / 5P
HEAT SINK
HSE-BX-04H CUI-HSE-BX-04H Datasheet
357Kb / 4P
HEAT SINK
HSB10-232306 CUI-HSB10-232306 Datasheet
352Kb / 3P
HEAT SINK
HSB18-232310 CUI-HSB18-232310 Datasheet
398Kb / 3P
HEAT SINK
HSB19-272718 CUI-HSB19-272718 Datasheet
401Kb / 3P
HEAT SINK
logo
TRACO Electronic AG
TEN-HS2 TRACOPOWER-TEN-HS2 Datasheet
310Kb / 1P
Heat Sink
Rev. November 30, 2022
TEN-HS6 TRACOPOWER-TEN-HS6 Datasheet
251Kb / 1P
Heat Sink
Rev. November 30, 2022
THM-HS1 TRACOPOWER-THM-HS1 Datasheet
2Mb / 1P
Heat Sink
Rev. November 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com