Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL1707 Datasheet(PDF) 8 Page - Texas Instruments

Part # PLL1707
Description  3.3-V DUAL-PLL MULTICLOCK GENERATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1707 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PLL1707 Datasheet HTML 4Page - Texas Instruments PLL1707 Datasheet HTML 5Page - Texas Instruments PLL1707 Datasheet HTML 6Page - Texas Instruments PLL1707 Datasheet HTML 7Page - Texas Instruments PLL1707 Datasheet HTML 8Page - Texas Instruments PLL1707 Datasheet HTML 9Page - Texas Instruments PLL1707 Datasheet HTML 10Page - Texas Instruments PLL1707 Datasheet HTML 11Page - Texas Instruments PLL1707 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Crystal
PLL1707
Crystal
OSC
Circuit
27-MHz
Internal
Master
Clock
XT1
XT2
C2
C1
MCKO1
MCKO2
C1, C2 = 10 pF to 33 pF
Crystal Resonator Connection
PLL1707
XT1
XT2
MCKO1
MCKO2
External Clock Input Connection
External
Clock
Crystal
OSC
Circuit
27-MHz
Internal
Master
Clock
t(XT1H)
XT1
t(XT1L)
0.7 VCC
0.3 VCC
PLL1707-Q1
SLES259A
– JUNE 2010 – REVISED MARCH 2011
www.ti.com
Figure 8. Master Clock Generator Connection Diagram
Figure 9. External Master Clock Timing Requirements
Table 1. External Master Clock Timing Requirements
DESCRIPTION
SYMBOL
MIN
MAX
UNIT
Master clock pulse duration HIGH
t(XT1H)
10
ns
Master clock pulse duration LOW
t(XT1L)
10
ns
The PLL1707 provides a very low-jitter high-accuracy clock. SCKO0 outputs a fixed 33.8688-MHz clock, SCKO1
outputs 512 fS or 768 fS (fS = 48 kHz), which is selected by hardware or software control (see Table 2). The
output frequency of the remaining clocks is determined by the sampling frequency (fS) under hardware or
software control. SCKO2 and SCKO3 output 256-fS and 384-fS system clocks, respectively. Table 3 shows each
sampling frequency which can be programmed. The system clock output frequencies for programmed sampling
frequencies are shown in Table 4.
Table 2. Generated System Clock SCKO1 Frequency
fS
SCKO1 FREQUENCY
512 fS
24.576 MHz
768 fS
36.864 MHz
Table 3. Sampling Frequencies
SAMPLING RATE
SAMPLING FREQUENCY (kHz)
Standard sampling frequencies
32
44.1
48
Double sampling frequencies
64
88.2
96
8
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): PLL1707-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com