Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAL16R6AMFKB Datasheet(PDF) 18 Page - Texas Instruments

Part # PAL16R6AMFKB
Description  STANDARD HIGH-SPEED PAL) CIRCUITS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PAL16R6AMFKB Datasheet(HTML) 18 Page - Texas Instruments

Back Button PAL16R6AMFKB Datasheet HTML 14Page - Texas Instruments PAL16R6AMFKB Datasheet HTML 15Page - Texas Instruments PAL16R6AMFKB Datasheet HTML 16Page - Texas Instruments PAL16R6AMFKB Datasheet HTML 17Page - Texas Instruments PAL16R6AMFKB Datasheet HTML 18Page - Texas Instruments PAL16R6AMFKB Datasheet HTML 19Page - Texas Instruments PAL16R6AMFKB Datasheet HTML 20Page - Texas Instruments PAL16R6AMFKB Datasheet HTML 21Page - Texas Instruments PAL16R6AMFKB Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
81036072A
FK
LCCC
20
55
506.98
12.06
2030
NA
8103607SA
W
CFP
20
25
506.98
26.16
6220
NA
81036082A
FK
LCCC
20
55
506.98
12.06
2030
NA
81036092A
FK
LCCC
20
55
506.98
12.06
2030
NA
81036102A
FK
LCCC
20
55
506.98
12.06
2030
NA
8103610SA
W
CFP
20
25
506.98
26.16
6220
NA
81036112A
FK
LCCC
20
55
506.98
12.06
2030
NA
81036142A
FK
LCCC
20
55
506.98
12.06
2030
NA
PAL16L8A-2MFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
PAL16L8A-2MFKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
PAL16L8AMFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
PAL16L8AMFKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
PAL16L8AMWB
W
CFP
20
25
506.98
26.16
6220
NA
PAL16L8AMWB.A
W
CFP
20
25
506.98
26.16
6220
NA
PAL16R4A-2MFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
PAL16R4A-2MFKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
PAL16R4AMFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
PAL16R4AMFKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
PAL16R4AMWB
W
CFP
20
25
506.98
26.16
6220
NA
PAL16R4AMWB.A
W
CFP
20
25
506.98
26.16
6220
NA
PAL16R6AMFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
PAL16R6AMFKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
PAL16R8AMFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
PAL16R8AMFKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com