Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03060YAST Datasheet(PDF) 7 Page - Texas Instruments

Part # PTH03060YAST
Description  10-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH03060YAST Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH03060YAST Datasheet HTML 3Page - Texas Instruments PTH03060YAST Datasheet HTML 4Page - Texas Instruments PTH03060YAST Datasheet HTML 5Page - Texas Instruments PTH03060YAST Datasheet HTML 6Page - Texas Instruments PTH03060YAST Datasheet HTML 7Page - Texas Instruments PTH03060YAST Datasheet HTML 8Page - Texas Instruments PTH03060YAST Datasheet HTML 9Page - Texas Instruments PTH03060YAST Datasheet HTML 10Page - Texas Instruments PTH03060YAST Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
APPLICATION INFORMATION
Typical DDR Application Diagram
Inhibit
+
+
DDRII/
QDRII
PTH05010W
VDDQ I/O Memory
Inhibit
+
PTH05050Y
DDR Termination
+
2 ×
330 µF
2 ×
22 µF
2 ×
330 µF
2 ×
22 µF
+Sense
Margin ±
Auto-Track
VI
+VADJ
1 kΩ
1 kΩ
VI= 5V
220 µF
47 µF
470 µF
47 µF
5.51 kΩ
VO
+VREF
VI
UDG−05096
VTT
VTT = 0.9 V
VDDQ = 1.8 V
CAPACITOR RECOMMENDATIONS FOR THE PTH03060Y AND PTH05060Y DDR POWER
Input Capacitor
Output Capacitors
PTH03060Y
PTH05060Y, PTH12060Y
SLTS222A–MARCH 2004–REVISED OCTOBER 2005
MODULES (3.3-V/5-V OPTION)
The recommended input capacitor(s) is determined by the 330 µF(1) minimum capacitance and 300 mArms
minimum ripple current rating.
Ripple current and less than 160 mΩ equivalent series resistance (ESR) values are the major considerations,
along with temperature, when designing with different types of capacitors. Unlike polymer tantalum, regular
tantalum capacitors have a recommended minimum voltage rating of 2 × (maximum DC voltage + AC ripple).
This is standard practice to insure reliability.
For improved ripple reduction on the input bus, ceramic capacitors may be substituted for electrolytic types using
the minimum required capacitance.
For applications with load transients (sudden changes in load current), regulator response will benefit from
external output capacitance. The recommended output capacitance of 470 µF will allow the module to meet its
transient response specification (see Electrical Specifications table). For most applications, a high quality
computer-grade aluminum electrolytic capacitor is adequate. These capacitors provide decoupling over the
frequency range, 2 kHz to 150 kHz, and are suitable when ambient temperatures are above 0°C. For operation
below 0°C tantalum, ceramic or Os-Con type capacitors are recommended. When using one or more
non-ceramic capacitors, the calculated equivalent ESR should be no lower than 4 mΩ (7 mΩ using the
manufacturer's maximum ESR for a single capacitor). A list of preferred low-ESR type capacitors are identified in
Table 1.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com