Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03010YAS Datasheet(PDF) 5 Page - Texas Instruments

Part # PTH03010YAS
Description  15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH03010YAS Datasheet(HTML) 5 Page - Texas Instruments

  PTH03010YAS Datasheet HTML 1Page - Texas Instruments PTH03010YAS Datasheet HTML 2Page - Texas Instruments PTH03010YAS Datasheet HTML 3Page - Texas Instruments PTH03010YAS Datasheet HTML 4Page - Texas Instruments PTH03010YAS Datasheet HTML 5Page - Texas Instruments PTH03010YAS Datasheet HTML 6Page - Texas Instruments PTH03010YAS Datasheet HTML 7Page - Texas Instruments PTH03010YAS Datasheet HTML 8Page - Texas Instruments PTH03010YAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (VREF =1.25V)(1)(2)
60
70
80
90
10 0
36
9
12
15
0
IL − Load Current − A
VIN = 3.3 V
VIN = 5 V
VIN = 12 V
50
10
20
30
40
50
60
36
9
12
15
0
IL − Load Current − A
VIN = 12 V
0
VIN = 5 V
VIN = 3.3 V
1
2
3
4
5
36
9
2
15
0
IL − Load Current − A
VIN = 3.3 V
VIN = 12 V
VIN = 5 V
0
20
30
40
50
60
70
80
90
400 LFM
200 LFM
100 LFM
Nat Conv
23
4
8
0
IL − Load Current − A
10
6
VIN = 12 V
20
30
40
50
60
70
80
90
3
6912
15
0
IL − Load Current − A
400 LFM
200 LFM
100 LFM
Nat Cinv
PTH03010Y
PTH05010Y
PTH12010Y
SLTS223A–MARCH 2004–REVISED OCTOBER 2005
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
Figure 3.
PTH03010Y/PTH05010Y AT
PTH12010Y ONLY; VIN =12V
NOMINAL VIN
TEMPERATURE DERATING
TEMPERATURE DERATING
vs LOAD CURRENT
vs LOAD CURRENT
Figure 4.
Figure 5.
(1) The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2) The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 4 in x 4 in double-sided PCB with 1 oz. copper. For
surface mount packages (AS and AZ suffix), multiple vias (plated through holes) are required to add thermal paths around the power
pins. Please refer to the mechanical specification for more information. Applies to Figure 4, and Figure 5.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com