Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 11 Page - Texas Instruments

Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12020LAH Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH12020LAH Datasheet HTML 7Page - Texas Instruments PTH12020LAH Datasheet HTML 8Page - Texas Instruments PTH12020LAH Datasheet HTML 9Page - Texas Instruments PTH12020LAH Datasheet HTML 10Page - Texas Instruments PTH12020LAH Datasheet HTML 11Page - Texas Instruments PTH12020LAH Datasheet HTML 12Page - Texas Instruments PTH12020LAH Datasheet HTML 13Page - Texas Instruments PTH12020LAH Datasheet HTML 14Page - Texas Instruments PTH12020LAH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
PTH12020W/L
www.ti.com ............................................................................................................................................................. SLTS208I – MAY 2003 – REVISED MARCH 2009
Table 4. Input/Output Capacitors(1)
Capacitor Characteristics
Quantity
Max Ripple
CapacitorVendor,
Vendor
Working
Max ESR
Optional
Value
Current at
Physical Size
Input
Type/Series (Style)
Part Number
Voltage
at 100 kHz
Output
(µF)
85°C (IRMS)
(mm)
Bus
(V)
(
Ω)
Bus
(mA)
Panasonic, Aluminum
25
330
0.090
775
10×12.5
2
1
EEUFC1E331
FC (Radial)
25
560
0.065
1205
12.5×15
1
1
EEUFC1E561S
FK (SMD)
25
1,000
0.060
1100
12.5×13.5
1
1
EEVFK1E102Q
FK (SMD)
35
680
0.060
1100
12.5×13.5
1
1
EEVFK1V681Q
United Chemi-Con
LXZ, Aluminum (Radial)
16
330
0.090
760
10×12.5
2
1
LXZ25VB331M10X12LL
LXZ, Aluminum (Radial)
25
680
0.068
1050
10×16
1
1
LXZ16VB681M10X16LL
PS, Poly-Aluminum (Radial)
16
330
0.014
5060
10×12.5
2
≤2
16PS330MJ12
PXA, Poly-Aluminum (SMD)
16
330
0.014
5050
10×12.2
2
≤2
PXA16VC331MJ12TP
Nichicon, Aluminum (PM)
25
560
0.060
1060
12.5×15
1
1
UPM1E561MHH6
HD (Radial)
16
680
0.038
1430
10×16
1
1
UHD1C681MHR
PM (Radial)
35
560
0.048
1360
16×15
1
1
UPM1V561MHH6
Panasonic, Poly-Aluminum
S/SE (SMD)
6.3
180
0.005
4000
7.3×4.3×4.2
N/R(2)
≤1
EEFSE0J181R (Vo≤5.1V)
Samyo
TP, Poscap
10
330
0.025
3000
7.3×4.3x3.8
N/R(2)
≤4
10TPE330M
SEQP, Os-Con
16
330
0.018
>3500
10×10.5
2(3)
≤3
16SP270M
SVP, Os-Con (SMD)
16
330
0.016
4700
11×12
2
≤3
16SVP330M
AVX, Tantalum, Series III
10
470
0.045
>1723
7.3×5.7×4.1
N/R(2)
≤5
TPSE477M010R0045 (Vo≤5.1V)
TPS (SMD)
10
330
0.045
>1723
7.3×5.7×4.1
N/R(2)
≤5
TPSE337M010R0045 (Vo≤5.1V)
Kemet (SMD)
T520, Poly-Tant
10
330
0.040
1800
7.3x4.3×4.0
N/R(2)
≤5
T520X337M010AS
T530, Poly-Tant/Organic
10
330
0.010
>3800
7.3x4.3×4.0
N/R(2)
≤1
T530X337M010ASE010
6.3
470
0.010
4200
7.3x4.3×4.0
N/R(2)
≤1
T530X477M006ASE010(Vo≤5.1V)
Vishay-Sprague
595D, Tantalum (SMD)
10
470
0.100
1440 mA
7.2×6×4.1
N/R(2)
≤5
595D477X0010R2T(Vo≤5.1V)
94SA, Os-con (Radial)
16
1,000
0.015
9740
16×25
2
≤2
94SA108X0016HBP
94SVP
16
330
0.017
4580
10 × 12,7
2
≤2
94SVP337X0016F12
Kemet, Ceramic X5R (SMD)
16
10
0.002
—
1210 case
1(4)
≤5
C1210C106M4PAC
6.3
47
0.002
3225 mm
N/R(2)
≤5
C1210C476K9PAC
Murata, Ceramic X5R (SMD)
6.3
100
0.002
—
1210 case
N/R(2)
≤3
GRM32ER60J107M
16
47
3225
1(4)
≤5
GRM32ER61C476K
16
22
1(4)
≤5
GRM32ER61C226K
16
10
1(4)
≤5
GRM32DR61C106K
TDK, Ceramic X5R (SMD)
6.3
100
0.002
—
1210 case
N/R(2)
≤3
C3225X5R0J107MT
6.3
47
3225
N/R(2)
≤5
C3225X5R0J476MT
16
22
1(4)
≤5
C3225X5R1C226MT
16
10
1(4)
≤5
C3225X5R1C106MT
(1)
Capacitor Supplier Verification
1.Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
2.Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements. Component designators or part number deviations can occur when material composition or soldering requirements are
updated.
(2)
N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
(3)
Total capacitance of 540
µF is acceptable based on the combined ripple current rating.
(4)
Ceramic capacitors may be used to complement electrolytic types at the input to further reduce high-frequency ripple current.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :PTH12020W/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com