Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12030LAH Datasheet(PDF) 2 Page - Texas Instruments

Part # PTH12030LAH
Description  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12030LAH Datasheet(HTML) 2 Page - Texas Instruments

  PTH12030LAH Datasheet HTML 1Page - Texas Instruments PTH12030LAH Datasheet HTML 2Page - Texas Instruments PTH12030LAH Datasheet HTML 3Page - Texas Instruments PTH12030LAH Datasheet HTML 4Page - Texas Instruments PTH12030LAH Datasheet HTML 5Page - Texas Instruments PTH12030LAH Datasheet HTML 6Page - Texas Instruments PTH12030LAH Datasheet HTML 7Page - Texas Instruments PTH12030LAH Datasheet HTML 8Page - Texas Instruments PTH12030LAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
STANDARD APPLICATION
MarginDown
MarginUp
VI
C
330 F
(Optional)
O
m
C
560 F
Electrolytic
(Required)
I
m
Inhibit
GND
GND
VO
V Sense
O
Track
RSET
PTH12030x
(TopView)
1
3
13 12 11
9
7
6
5
4
2
10
8
L
O
A
D
ABSOLUTE MAXIMUM RATINGS
PTH12030W/L
SLTS211H – MAY 2003 – REVISED DECEMBER 2008 .................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
A.
RSET = Required to set the output voltage to a value higher than the minimum value. See the Application Information
section for values.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
Over operating free-air temperature range, all voltages are with respect to GND (unless otherwise noted)
MIN
TYP
MAX
UNIT
VTrack
Track pin voltage
–0.3
VI + 0.3
V
TA
Operating Temperature
Over VI range
–40
85
Range
Twave
Wave solder temperature
Surface temperature of module body or pins
PTH12030WAH
260
(5seconds maximum)
PTH12030WAD
°C
PTH12030WAS
235 (1)
Treflow
Solder reflow temperature
Surface temperature of module body or pins
PTH12030WAZ
260 (1)
Tstg
Storage Temperature
Storage temperature of module removed from shipping package
–55
125
Tpkg
Packaging temperature
Shipping Tray or Tape and Reel storage or bake temperature
45
Mechanical Shock
Per Mil-STD-883D, Method 2002.3, 1 ms, 1/2 Sine, mounted
500
G
Mechanical Vibration
Mil-STD-883D, Method 2007.2 20-2000 Hz
15
G
Weight
10
grams
Flammability
Meets UL 94V-O
(1)
During soldering of package version, do not elevate peak temperature of the module, pins, or internal components above the stated
maximum.
2
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): PTH12030W/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com