Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12030LAH.B Datasheet(PDF) 3 Page - Texas Instruments

Part # PTH12030LAH.B
Description  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12030LAH.B Datasheet(HTML) 3 Page - Texas Instruments

  PTH12030LAH.B Datasheet HTML 1Page - Texas Instruments PTH12030LAH.B Datasheet HTML 2Page - Texas Instruments PTH12030LAH.B Datasheet HTML 3Page - Texas Instruments PTH12030LAH.B Datasheet HTML 4Page - Texas Instruments PTH12030LAH.B Datasheet HTML 5Page - Texas Instruments PTH12030LAH.B Datasheet HTML 6Page - Texas Instruments PTH12030LAH.B Datasheet HTML 7Page - Texas Instruments PTH12030LAH.B Datasheet HTML 8Page - Texas Instruments PTH12030LAH.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ELECTRICAL CHARACTERISTICS
PTH12030W/L
www.ti.com .................................................................................................................................................... SLTS211H – MAY 2003 – REVISED DECEMBER 2008
TA = 25°C, VI = 12 V, VO = 3.3 V, CI = 560 µF, CO = 0 µF, and IO = IOmax (unless otherwise stated)
PTH12030W
CHARACTERISTICS
CONDITIONS
MIN
TYP
MAX
UNIT
60°C, 200 LFM airflow
0
26(1)
IO
Output current
A
25°C, natural convection
0
26(1)
VI
Input voltage range
Over lO range
10.2
13.8
V
VO tol
Set-point voltage tolerance
±2(2)
%VO
∆Regtemp
Temperature variation
–40°C < TA < 85°C
±0.5
%VO
∆Regline
Line regulation
Over VI range
±5
mV
∆Regload
Load regulation
Over IO range
±5
mV
∆Regtot
Total qutput variation
Includes set-point, line, load, –40 °C
≤ TA ≤ 85 °C
±3(2)
%VO
∆Vadj
VO adjust range
Over VI range
1.2
5.5
V
RSET = 280 Ω
VO = 5 V
94.5%
RSET = 2 kΩ
VO = 3.3 V
92.7%
RSET = 4.32 kΩ
VO = 2.5 V
91.4%
η
Efficiency
IO = 18 A
RSET = 11.5 kΩ
VO = 1.8 V
89.5%
RSET = 24.3 kΩ
VO = 1.5 V
88.2%
RSET = open circuit VO = 1.2 V
86.2%
VO ripple (peak-to-peak)
20-MHz bandwidth
All Voltages
25
mVPP
IO trip
Overcurrent threshold
Reset, followed by auto-recovery
50
A
ttr
Recovery Time
50
µS
1 A/
µs load step,
Transient response
50 to 100% IOmax, CO= 330 µF
∆Vtr
VO over/undershoot
150
mV
Margin up/down adjust
±5%
Margin control (pins 12&13)
Margin input current, Pin to GND
-8(3)
µA
IIL track
Track input current (pin 11)
Pin to GND
-0.13(4)
µA
dVtrack/dt
Track slew rate capability
CO ≤ CO(max)
1
V/ms
VI increasing
9.5
UVLO
Undervoltage lockout
V
VI decreasing
8.5
Input high voltage (VIH)
Referenced to GND
2.5
Open(5)
Inhibit
V
control
Input low voltage (VIL)
Referenced to GND
–0.2
0.5
(pin 4)
Input low current (IIL)
Pin 4 to GND
0.5
µA
II inh
Input standby current
Inhibit (pin 4) to GND, track (pin 11) VI
10
mA
fs
Switching frequency
Over VI and IO ranges
475
575
675
kHz
CI
External input capacitance
560(6)
µF
nonceramic
0
330(7) 7,150(8)
Capacitance value
µF
CO
External output capacitance
ceramic
0
300
Equiv. series resistance (nonceramic)
4(9)
m
Ω
MTBF
Reliability
Bellcore TR-332, 50% stress, TA=40°C, ground benign
3
106 Hrs
(1)
See SOA curves or consult factory for appropriate derating.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1 %, with 100 ppm/°C (or better) temperature stability.
(3)
A small, low-leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit voltage is less than 1 Vdc.
(4)
A low-leakage (<100 nA), open-drain device, such as MOSFET or voltage supervisor IC, is recommended to control this pin.
(5)
This control pin is pulled up to an internal 5-V source. To avoid risk of damage to the module, do not apply an external voltage greater
than 7 V. If it is left open-circuit, the module operates when input power is applied. A small, low-leakage (<100 nA) MOSFET or
open-drain/collector voltage supervisor IC is recommended for control. For further info, see the related application information section.
(6)
A 560
µF electrolytic input capacitor, rated for a minimum of 500 mArms of ripple current is required for proper operation.
(7)
An external output capacitor is not required for basic operation. Adding 330 µF of distributed capacitance at the load will improve the
transient response.
(8)
This is the calculated maximum. The minimum ESR limitation often results in a lower value. See the application information section.
(9)
This is the typical ESR for all the electrolytic (nonceramic) ouput capacitance. Use 7 m
Ω as the minimum when using max-ESR values
to calculate.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PTH12030W/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com