Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH.B Datasheet(PDF) 2 Page - Texas Instruments

Part # PTH12020LAH.B
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12020LAH.B Datasheet(HTML) 2 Page - Texas Instruments

  PTH12020LAH.B Datasheet HTML 1Page - Texas Instruments PTH12020LAH.B Datasheet HTML 2Page - Texas Instruments PTH12020LAH.B Datasheet HTML 3Page - Texas Instruments PTH12020LAH.B Datasheet HTML 4Page - Texas Instruments PTH12020LAH.B Datasheet HTML 5Page - Texas Instruments PTH12020LAH.B Datasheet HTML 6Page - Texas Instruments PTH12020LAH.B Datasheet HTML 7Page - Texas Instruments PTH12020LAH.B Datasheet HTML 8Page - Texas Instruments PTH12020LAH.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PTH12020x
(T o p V i ew)
1
2
10 9 8
7
6
5
4
3
GND
GND
L
O
A
D
Track
Margin Down
Margin Up
VIN
Inhibit
VOUT
VO Sense
RSET
+
CIN
560 mF
(Required)
+ C
OUT
330 mF
(Optional)
ABSOLUTE MAXIMUM RATINGS
PTH12020W/L
SLTS208I – MAY 2003 – REVISED MARCH 2009 ............................................................................................................................................................. www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
STANDARD APPLICATION
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com
over operating free-air temperature range unless otherwise noted
(1)
UNIT
Vtrack
Track input
–0.3V to VI +0.3 V
TA
Operating temperature
Over VI Range
–40C to 85C
range
PTH12020WAH
Surface temperature of module body or pins
Twave
Wave solder temperature
260°C (2)
(5 seconds maximum)
PTH12020WAD
PTH12020WAS
235°C (2)
Treflow
Solder reflow temperature
Surface temperature of module body or pins
PTH12020WAZ
260°C (2)
Tstg
Storage temperature
Storage temperature of module removed from shipping package
–55°C to 125°C
Tpkg
Packaging temperature
Shipping Tray or Tape and Reel storage or bake temperature
45°C
Mechanical shock
Per Mil-STD-883D, Method 2002.3 1 msec, 1/2 Sine, mounted
500 G
Mechanical vibration
Mil-STD-883D, Method 2007.2 20-2000 Hz
20 G
Weight
7 grams
Flammability
Meets UL 94V-O
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
During soldering of package version, do not elevate peak temperature of the module, pins or internal components above the stated
maximum.
2
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s) :PTH12020W/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com