Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD301 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # MMBD301
Description  Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

MMBD301 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  MMBD301 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. MMBD301 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBD301
Surface Mount Schottky
Barrier Diode
Dim
Min
Max
A
2.800 3.040
B
1.200 1.400
C
0.890 1.110
D
0.370 0.500
G
1.780 2.040
H
0.013 0.100
J
0.085 0.177
K
0.450 0.600
L
0.890 1.020
S
2.100 2.500
V
0.450 0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
To p View
1
2
3
3
CATHODE
1
ANODE
MAXIMUM RATINGS
MMBD101
Rating
Symbol
Value
Unit
Reverse Voltage
VR
Volts
Forward Power Dissipation
@ TA = 25
Derate above 25
PF
200
2.0
mW
mW/
Operating Junction TEmperature Range
TJ
-55 to +125
Storage Temperature Range
Tstg
-55 to +150
DEVICE MARKING
MMBD701 = 5H
ELECTRICAL
CHARACTERISTICS
(TA = 25 unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 Adc)
V(BR)R
Volts
Total Capacitance
(V R = 15Vf =1.0 MHz )Figure 1
CT
0.9
1.5
pF
Reverse Leakage
(IF = 10 mAdc)
VF
13
200
IR
0.52
0.6
o
C
o
C
o
C
o
C
o
C
o
C
* Low Turn-on Voltage
* For UHF and VHF detector application
* Also suitable for someothers Fast Switching
R and digital application
F
* Extremely Low Minority Carrier Lifetime - 15ps(Typ)
* Low Reverse Leakage - IR=13nAdc(Typ)
* Very Low Capacitance-1.5pF(Max)@V=15VR
* Case . Molded Plastic
* Terminals : Solderable per MIL-STD-202,
Method 208
* Polarity : See Diagrams Below
* Weight : 0.008 grams(approx.)
* Mounting Position : Any
30
(V =25V) Figure 3
R
Forward Voltage
Figure4
Forward Voltage (IF = 10 mAdc) Figure4
30
VF
0.38
0.45
NAdc
Vdc
Vdc
Features
Mechanical Data


Similar Part No. - MMBD301

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBD301 FAIRCHILD-MMBD301 Datasheet
195Kb / 8P
Schottky Barrier Diode
logo
Pan Jit International I...
MMBD301 PANJIT-MMBD301 Datasheet
53Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
MMBD301 KEXIN-MMBD301 Datasheet
36Kb / 1P
Schottky Barrier Diode
logo
Micro Commercial Compon...
MMBD301 MCC-MMBD301 Datasheet
181Kb / 3P
30 Volts Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
MMBD301 LUGUANG-MMBD301 Datasheet
207Kb / 1P
Schottky Barrier Diode
More results

Similar Description - MMBD301

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com