Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2255 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2255
Description  Pi Model B / Pi 2 / Pi 3 Case Base - Pink
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2255 Datasheet(HTML) 2 Page - Adafruit Industries

  2255 Datasheet HTML 1Page - Adafruit Industries 2255 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This enclosure was designed by Mike Doell. It's made of ultra-durable, super-glossy
polycarbonate, and is both good looking and tough enough to toss into your bookbag or
toolbox. It has slim openings for all your cables, an easy-to-remove beveled slot for your
Micro SD card, slots for both your Pi Camera and upcoming Display, and a space for
your GPIO cable to extend out from the Pi.
The Pi snaps into the base and the lid fits snugly onto the top. If you want to break out
your Pi you can use your case without the lid and add hats to your B+ with ease.
This case works for the Raspberry Pi Model B+ / Pi 2 only. It does not work for the
Raspberry Pi Model A or B. It does work with the model A+ but there will be a bit of
empty space of course, and you'll need to snake your USB cable or connector through the
front holes which may not work if the cable is bulky.
No Raspberry Pi included. This is just the base of the case and no lid is included.
Here's how to insert a Raspberry Pi into our case:
Technical Details
Note: As of Thursday, November 5th, 2015 the color/transparency on this
case has changed. We now sell this Raspberry Pi Model B+ / Pi 2 Case in a slightly
different shade of pink with more transparency.
o
Dimensions: 92mm x 63mm x 26mm / 3.6" x 2.5" x 1.0" 
o
Weight: 28g 
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com