Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0231 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0231
Description  User manual AD-ICD in-circuit debugging adapter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0231 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0231 Datasheet HTML 1Page - STMicroelectronics UM0231 Datasheet HTML 2Page - STMicroelectronics UM0231 Datasheet HTML 3Page - STMicroelectronics UM0231 Datasheet HTML 4Page - STMicroelectronics UM0231 Datasheet HTML 5Page - STMicroelectronics UM0231 Datasheet HTML 6Page - STMicroelectronics UM0231 Datasheet HTML 7Page - STMicroelectronics UM0231 Datasheet HTML 8Page - STMicroelectronics UM0231 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AD-ICD
2 Configuring the ICD adapter
5/15
2
Configuring the ICD adapter
The following sections provide instructions about configuring your ICD adapter for
In-circuit
debugging or to Run the application in standalone mode. Delivered from the factory, the AD-
ICD/DS8Z-01 is configured as follows:
Caution:
When configuring the ICD adapter, make sure that the ICD tool and application board (if
connected to the adapter) are powered off.
2.1
In-circuit debugging
ICD On jumper (TP1)
When in-circuit debugging the target application via the 10-pin ICC connection, the ICD On
jumper (TP1) must be fitted to allow the interface with an in-circuit debugging tool and the
host PC. During in-circuit debugging, the
RST/PA3 On jumper (TP2) must not be fitted.
Table 1.
Default configuration of the AD-ICD/DS8Z-01 from factory
Identifier on
ICD adapter
Configuration
Purpose
Jumpers
TP1
Fitted
Allow connection for in-circuit
debugging/programming
TP2
Not fitted
Run application in standalone mode
Solder points
G1
Soldered
Connects tool to the microcontroller’s VDD pin
(accommodate tools with a power supply
follower)
G2
Not soldered
Connect tool’s clock signal to microcontroller’s
CLKIN pin
Figure 3.
ICD On jumper (TP1)
To set the ICD On jumper (TP1):
1.
Make sure the in-circuit debugging tool
and the application are powered off.
2.
Place the jumper on TP1 as shown in
Figure 3.
3.
Connect to and power on the in-circuit
debugging tool and application board.
Refer to the on-line help of your integrated
development environment/debugging
software for further information about in-
circuit programming and debugging the
microcontroller on the ICD adapter.
TP1 fitted for ICD
TP2 not fitted
for ICD
MB509



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com