Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

397 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 397
Description  TTL Serial JPEG Camera with NTSC Video
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

397 Datasheet(HTML) 2 Page - Adafruit Industries

  397 Datasheet HTML 1Page - Adafruit Industries 397 Datasheet HTML 2Page - Adafruit Industries 397 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Description
This camera module can be a pretty neat project addition. It was designed to be
used in security systems and does two main things - it outputs NTSC video and
can take snapshots of that video (in color) and transmit them over the TTL serial
link. You can snap pictures at 640x480, 320x240 or 160x120 and they're pre-
compressed JPEG images which makes them nice and small and easy to store on
an SD card. Perfect for a data-logging, security, or photography project.
One nice thing about this particular camera is all the 'extras' that come with it.
For example it has manually adjustable focus, auto-white-balance, auto-
brightness and auto-contrast taken care of for you as well as motion
detection built in! That means you can have it alert your project when something
moved in the frame.
We also carry an enclosed weather-proof version
Using the module is pretty easy and only requires two digital pins (or a TTL
serial port) - by default it transmits at 38400 baud. Of course we wouldn't just
leave you with a datasheet and a 'good luck', we even spent a lot of time
researching the module and DSP to make really nice libraries for both Arduino &
CircuitPython, with example code that shows how to change the image size and
compression quality, detect motion, control the video output stream, etc.
Example photo 1 (outside street) & example photo 2 (inside person)
Technical Details
•
Module size: 32mm x 32mm
•
Image sensor: CMOS 1/4 inch
•
CMOS Pixels: 30M
•
Pixel size: 5.6um*5.6um
•
Output format: Standard JPEG
•
White balance: Automatic
•
Exposure: Automatic
•
Gain: Automatic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com