Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 430
Description  Modular Snap Boxes - SMD component storage - 5 pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

430 Datasheet(HTML) 1 Page - Adafruit Industries

  430 Datasheet HTML 1Page - Adafruit Industries 430 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
Modular Snap Boxes - SMD component
storage - 5 pack
PRODUCT ID: 430
For storing small parts (especially SMT/SMD components), these little modular
boxes are ideal. They have individual clear pop-open covers so you can keep
only the ones you want open - less risk of mixing up parts or having a spill. The
brilliance of these boxes is that they also snap together, in any configuration
you want. You can mix all the sizes to make the ideal box for your needs, and
add on more containers as necessary. There's a leaf-spring hinged top that will
last much longer than an all-plastic molded top.


Similar Part No. - 430

ManufacturerPart #DatasheetDescription
logo
Littelfuse
430 LITTELFUSE-430 Datasheet
37Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
logo
Tyco Electronics
430 MACOM-430 Datasheet
154Kb / 3P
Power Relay
430 MACOM-430 Datasheet
210Kb / 3P
Power Relay 430 3 mm
logo
Intel Corporation
430 INTEL-430 Datasheet
1Mb / 100P
Supporting the Intel Celeron processor
430 INTEL-430 Datasheet
1Mb / 71P
Celeron M Processor on 65 nm Process
More results

Similar Description - 430

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-11527 SPARKFUN-TOL-11527 Datasheet
220Kb / 1P
Modular Plastic Storage Box - Small (10 pack)
8/3/2016
TOL-11528 SPARKFUN-TOL-11528 Datasheet
212Kb / 1P
Modular Plastic Storage Box - Medium (4 pack)
8/3/2016
logo
FIBOX Enclosing innovat...
7350000 FIBOX-7350000 Datasheet
44Kb / 1P
Modular component enclosures
17.08.2023
7350001 FIBOX-7350001 Datasheet
42Kb / 1P
Modular component enclosures
17.08.2023
7350002 FIBOX-7350002 Datasheet
43Kb / 1P
Modular component enclosures
17.08.2023
7350003 FIBOX-7350003 Datasheet
46Kb / 1P
Modular component enclosures
17.08.2023
7350004 FIBOX-7350004 Datasheet
44Kb / 1P
Modular component enclosures
17.08.2023
7350005 FIBOX-7350005 Datasheet
51Kb / 1P
Modular component enclosures
17.08.2023
7350006 FIBOX-7350006 Datasheet
50Kb / 1P
Modular component enclosures
17.08.2023
7350007 FIBOX-7350007 Datasheet
43Kb / 1P
Modular component enclosures
17.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com