Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

433 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 433
Description  Medium Modular Snap Boxes - SMD component storage - 2 pack - Pink
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

433 Datasheet(HTML) 2 Page - Adafruit Industries

  433 Datasheet HTML 1Page - Adafruit Industries 433 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
For storing small parts (especially SMT/SMD components), these little modular
boxes are ideal. They have individual clear pop-open covers so you can keep only
the ones you want open - less risk of mixing up parts or having a spill. The
brilliance of these boxes is that they also snap together, in any configuration you
want. You can mix all the sizes to make the ideal box for your needs, and add on
more containers as necessary. There's a leaf-spring hinged top that will last much
longer than an all-plastic molded top.
These medium boxes are 76mm wide, 64mm long and 22mm tall on the outside
and are ideal for small parts, components, or beads (or really anything!) This
particular box set is made of pink plastic and is 'equivalent' to six 'tiny' boxes (3 x
2).
Comes in a set of 2 snap boxes, you can pull these apart or reconfigure them
however you like
Page 2 of 2
7/23/2015
http://www.adafruit.com/products/433



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com