Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS02EF Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS02EF
Description  BOS 6K-UI-LH10-S75
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS02EF Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS02EF Datasheet HTML 1Page - Balluff Korea Ltd. BOS02EF Datasheet HTML 2Page - Balluff Korea Ltd. BOS02EF Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 6K-UI-LH10-S75
Order Code: BOS02EF
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-04
Subject to change without notice: 291917
ETIM 6.0: EC001822
BOS02EF_1.22_2025-03-26
2 / 3
IO-Link
IO-Link Profil IDs
0x000E SSP 2.7
0x4000 Identification and
Diagnosis
IO-Link function classes
0x800C Transducer Disable
0x8011 Multi Teach Two Value
0x8012 Multi Teach Dynamic
0x8101 Locator
Interface
Baud rate
COM2 (38.4 kBaud)
Interface
IO-Link-Device 1.1.3
Switching output
PNP/NPN/IO-Link NO/NC
Material
Housing material
ABS
Material sensing surface
PMMA
Mechanical data
Dimension
12 x 34 x 21.6 mm
Mounting part
Screw M3
Optical features
Beam characteristic
Focused
Laser class per IEC 60825-1
1
Light spot size
1 x 1 mm at 150 mm
Light type
Laser red light
Principle of optical operation
Diffuse sensor, triangulation
Pulse duration t max.
3.75 µs
Pulse frequency
4.5 kHz
Pulse power Pp max.
2.5 mW
Special optical feature
Background suppression
Switching function, optical
Light/dark switching
Wave length
650 nm
Range/Distance
Distance deviation 18 % max. (% of Sr)
3 %
Hysteresis H max. (% of Sr)
3 %
Range
4...150 mm
Rated operating distance Sn
150 mm, Adjustable
Remarks
The sensor is functional again after the overload has been eliminated.
Reference object (target): gray card, 100 x 100, 90 % remission, axial approach.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
For additional information, refer to user's guide.
Order accessories separately.
Do not press key using a pointed tool.
When using as a UL product the ambient temperature Ta max. must not exceed 50°C.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com