Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

613 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 613
Description  Weatherproof TTL Serial JPEG Camera with NTSC Video and IR LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

613 Datasheet(HTML) 2 Page - Adafruit Industries

  613 Datasheet HTML 1Page - Adafruit Industries 613 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
manually adjustable focus, auto‐white‐balance, auto‐brightness and auto‐contrast taken care of for 
you as well as motion detection built in! That means you can have it alert your project when something 
moved in the frame. 
 
Using the module is pretty easy and only requires two digital pins (or a TTL serial port) ‐ by default it 
transmits at 38400 baud. Of course we wouldn't just leave you with a datasheet and a 'good luck', we 
even spent a lot of time researching the module and DSP to make a really nice Arduino library with 
example code that shows how to change the image size and compression quality, detect motion, 
control the video output stream, etc. We also have a very detailed tutorial that will help get the most 
use out of your camera. 
 
Example photo 1 (outside street) & example photo 2 (inside person) 
 
Note: We have these working great with classic Arduino UNOs (and other Atmega328‐based 'duinos) 
but they are not yet MEGA compatible. 
Technical Details
 
o
Metal Housing size: 2" x 2" x 2.5" 
o
Weight: 150 grams 
o
Image sensor: CMOS 1/4 inch 
o
CMOS Pixels: 30M 
o
Pixel size: 5.6um*5.6um 
o
Output format: Standard JPEG/M‐JPEG 
o
White balance: Automatic 
o
Exposure: Automatic 
o
Gain: Automatic 
o
Shutter: Electronic rolling shutter 
o
SNR: 45DB 
o
Dynamic Range: 60DB 
o
Max analog gain: 16DB 
o
Frame speed: 640*480 30fps 
o
Scan mode: Progressive scan 
o
Viewing angle: 60 degrees 
o
Monitoring distance: 10 meters, maximum 15meters (adjustable) 
o
Image size: VGA(640*480), QVGA(320*240), QQVGA(160*120) 
o
Baud rate: Default 38400, Maximum 115200 
o
Current draw: 75mA without IR LEDs on. 250mA extra for IR LEDs 
o
Operating voltage: DC +5V 
o
Communication: 3.3V TTL (Three wire TX, RX, GND) 
 
 
                                                 https://www.adafruit.com/product/673  7‐25‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com