Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 705
Description  Mini 3-wire Volt Meter (0 - 99.9VDC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

705 Datasheet(HTML) 2 Page - Adafruit Industries

  705 Datasheet HTML 1Page - Adafruit Industries 705 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
•
Description
Put a voltage meter anywhere with this very handy display. These are often used by RC
hobbyists for keeping track of batteries but we thought it would be great on a breadboard
or enclosure. This is the 3-wire version of the volt meter, two wires are used to power it
and the third wire is used for measurement. We also have a 2-wire version that measure it's own
power supply
.
Simply connect the red wire to a positive power supply from 4.5 to 28VDC, and brown or
black to the common ground to power the display. Finally, connect the orange or white
wire to whatever you want to measure the voltage of. The display has a microcontroller
that will read the voltage, compare it to a stable reference and display the voltage with
0.1V precision on a 3-digit 7-segment display. it can read from 0V to 99.9VDC so it will
be good for any electronic project! The meter draws 3-4mA to power the microcontroller
and display. This particular LED display is a nice vivid green, which we found very
readable. Mounting tabs make this module easy to attach to any box or plate.
•
Technical Details
Dimensions:
o
PCB: 30mm x 20mm
o
Mounting Holes Distance: 28mm / 1.1"
o
Mounting Holes Diameter: 1.85mm / 0.07"
o
Display: 23mm x 14mm
o
Combined Depth: 11mm
o
Weight: 5.45g
Power specifications:
o
4.5V to 28V DC power
o
0V to 99.9V DC measurement
o
0.1V precision
o
3-4mA draw
o
Green LED display
o
For use with positive voltages only!



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com