Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS02F2 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS02F2
Description  BOS 6K-UU-LK10-S49
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS02F2 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS02F2 Datasheet HTML 1Page - Balluff Korea Ltd. BOS02F2 Datasheet HTML 2Page - Balluff Korea Ltd. BOS02F2 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 6K-UU-LK10-S49
Order Code: BOS02F2
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 291933
ETIM 6.0: EC002717
BOS02F2_0.36_2025-03-27
2 / 3
Material
Housing material
ABS
Material sensing surface
PMMA
Mechanical data
Dimension
12 x 34 x 21.6 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Average power Po max.
390 µW
Laser class per IEC 60825-1
1
Light spot size
4 x 2 mm at 2 m
Light type
Laser red light
Polarizing filter
yes
Principle of optical operation
Retroreflective sensor,
Autocollimation
Pulse duration t max.
1 µs
Pulse frequency
18.2 kHz
Switching function, optical
dark-on/light-on
Wave length
650 nm
Range/Distance
Range
0...4 m
Rated operating distance Sn
4 m, Adjustable
Remarks
The sensor is functional again after the overload has been eliminated.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com