Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

830 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 830
Description  4 x AA Battery Holder with On/Off Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

830 Datasheet(HTML) 2 Page - Adafruit Industries

  830 Datasheet HTML 1Page - Adafruit Industries 830 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
The four batteries are held in series, for a nominal output of 6V DC for alkaline
(6.4V when fresh, 4V when dead), and 4.8V DC for rechargeables (5.2V when
fully charged, 4.4V when discharged). Using rechargeables will make this work
nicely with nearly any 5V project, with alkalines you may want to put a 1N4001
in series to drop the voltage from 6V down to 5.3V
TECHNICAL DETAILS
Box Dimensions: 2.5" x 2.66" x 0.75"
Cable: 6" long
Weight: 34.9g
Revision History:
As of October 22, 2018 this item now has premium dupont connectors.
https://www.adafruit.com/product/830 10-29-18
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com