Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L030CIWM Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L030CIWM
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L030CIWM Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button ADC12L030CIWM Datasheet HTML 18Page - National Semiconductor (TI) ADC12L030CIWM Datasheet HTML 19Page - National Semiconductor (TI) ADC12L030CIWM Datasheet HTML 20Page - National Semiconductor (TI) ADC12L030CIWM Datasheet HTML 21Page - National Semiconductor (TI) ADC12L030CIWM Datasheet HTML 22Page - National Semiconductor (TI) ADC12L030CIWM Datasheet HTML 23Page - National Semiconductor (TI) ADC12L030CIWM Datasheet HTML 24Page - National Semiconductor (TI) ADC12L030CIWM Datasheet HTML 25Page - National Semiconductor (TI) ADC12L030CIWM Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Format and Set-Up Tables (Continued)
TABLE 4. ADC12L032 and ADC12L030 Multiplexer Addressing
MUX
Address
Analog Channel Addressed and
Assignment with A/DIN1 tied to
MUXOUT1 and A/DIN2 tied to MUXOUT2
A/D Input Polarity
Assignment
Multiplexer Output
Channel Assignment
Mode
DI0
DI1
CH0
CH1
COM
A/DIN1
A/DIN2
MUXOUT1
MUXOUT2
L
L
+
−
+
−
CH0
CH1
Differential
L
H
−
+
−
+
CH0
CH1
H
L
+
−
+
−
CH0
COM
Single-Ended
H
H
+
−
+
−
CH1
COM
The ADC12L030 does not have A/DIN1, A/DIN2, MUXOUT1
and MUXOUT2 pins.
TABLE 5. Mode Programming
ADC12L038
DI0
DI1
DI2
DI3
DI4
DI5
DI6
DI7
Mode Selected
(Current)
DO Format
(next Conversion
Cycle)
ADC12L034
DI0
DI1
DI2
DI3
DI4
DI5
DI6
ADC12L030
and
ADC12L032
DI0
DI1
DI2
DI3
DI4
DI5
See Tables 2, 3, 4
LLLL
12 Bit Conversion
12 or 13 Bit MSB First
See Tables 2, 3, 4
L
L
L
H
12 Bit Conversion
16 or 17 Bit MSB First
See Tables 2, 3, 4
L
L
H
L
8 Bit Conversion
8 or 9 Bit MSB First
L
L
L
L
L
L
H
H
12 Bit Conversion of Full-Scale
12 or 13 Bit MSB First
See Tables 2, 3, 4
L
H
L
L
12 Bit Conversion
12 or 13 Bit LSB First
See Tables 2, 3, 4
L
H
L
H
12 Bit Conversion
16 or 17 Bit LSB First
See Tables 2, 3, 4
L
H
H
L
8 Bit Conversion
8 or 9 Bit LSB First
L
L
L
L
L
H
H
H
12 Bit Conversion of Offset
12 or 13 Bit LSB First
L
L
L
L
H
L
L
L
Auto-Cal
No Change
L
L
L
L
H
L
L
H
Auto-Zero
No Change
L
L
L
L
H
L
H
L
Power Up
No Change
L
L
L
L
H
L
H
H
Power Down
No Change
L
L
L
L
H
H
L
L
Read Status Register
No Change
L
L
L
L
H
H
L
H
Data Out without Sign
No Change
H
L
L
L
H
H
L
H
Data Out with Sign
No Change
L
L
L
L
H
H
H
L
Acquisition Time — 6 CCLK Cycles
No Change
L
H
L
L
HHH
L
Acquisition Time — 10 CCLK
Cycles
No Change
H
L
L
L
HHH
L
Acquisition Time — 18 CCLK
Cycles
No Change
H
H
L
L
HHH
L
Acquisition Time — 34 CCLK
Cycles
No Change
L
L
L
L
HHHH
User Mode
No Change
H
X
X
X
HHHH
Test Mode
(CH1–CH7 become Active
Outputs)
No Change
X = Don’t Care
The A/D powers up with no Auto-Cal, no Auto-Zero, 10 CCLK
acquisition time, 12-bit + sign conversion, power up, 12- or
13-bit MSB first and user mode.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com