Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L032CIWM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L032CIWM
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L032CIWM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12L032CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Pin Descriptions
CCLK
The clock applied to this input controls the suc-
cessive approximation conversion and the ac-
quisition time. The rise and fall times of the
clock edges should not be longer than 1 µs.
SCLK
This serial data clock input clocks out the serial
data. The rising edge at this pin loads the infor-
mation at the DI pin into the multiplexer address
and mode select shift register. This address
controls which channel of the analog input mul-
tiplexer (MUX) is selected and the mode of
operation for the A/D. With CS low the falling
edge of SCLK shifts the data resulting from the
previous ADC conversion out at DO, with the
exception of the first bit of data. When CS is low
continuously, the first bit of the data is clocked
out on the rising edge of EOC (end of conver-
sion). When CS is toggled, the falling edge of
CS always clocks out the first bit of data. CS
should be brought low while SCLK is low. The
rise and fall times of the clock edges should not
be longer than 1 µs.
DI
The data applied to this serial data input pin is
shifted into the multiplexer address and mode
select register on the rising edge of SCLK.
Tables 2, 3, 4, 5 show the assignment of the
multiplexer address and the mode select data.
DO
This pin is the active push/pull output pin when
CS is Low. When CS is High this output is off
(high impedance). The A/D conversion result
(DB0–DB12) and converter status data are
clocked out on this pin at the falling edge of
SCLK. The word length and format of this result
can vary (see Table 1). The word length and
format are controlled by the data shifted into the
multiplexer address and mode select register
(see Table 5).
EOC
This active push/pull output indicates the status
of the ADC. When low the A/D is busy with a
conversion,
auto-calibration,
auto-zero
or
power down cycle. The rising edge of EOC
signals the end of one of these cycles.
CS
When a logic low is applied to this chip select
pin, the rising edge of SCLK shifts the data at
DI into the address register and brings DO out
of the high impedance state. With CS low, the
falling edge of SCLK shifts the data resulting
from the previous ADC conversion out at DO,
with the exception of the first bit of data. When
CS is low continuously, the first bit of the data is
clocked out on the rising edge of EOC (end of
conversion). When CS is toggled the falling
edge of CS always clocks out the first bit of
data. CS should be brought low while SCLK is
low. The falling edge of CS halts a conversion
in progress (the data in the output latches may
be corrupted) and starts the sequence for a
new conversion. Therefore, when CS is brought
low during a conversion in progress the data
output at that time should be ignored. CS may
also be left continuously low, in which case it is
imperative that the correct number of SCLK
cycles be applied to the ADC in order to remain
synchronous. After the ADC supply power is
applied, the ADC expects to see 13 clock
cycles for each I/O sequence. After that, the
number of clock cycles the ADC expects is the
same as the digital output word length, which
can be modified by the user. See Table 5.
DOR
This data output ready pin is an active push/pull
output. It is low when the conversion result is
being shifted out and goes high to signal that all
the data has been shifted out.
CONV
A logic low is required on this pin to program
any mode or change the ADC’s configuration.
(See the Table 5, Mode Programming). When
this pin is high, the ADC is placed into the read
data only mode. While in this mode, bringing
CS low and pulsing SCLK will only clock out
any data stored in the ADCs output shift regis-
ter. The data at DI will be neglected, a new
conversion will not be started and the ADC will
remain in the mode and/or configuration previ-
ously programmed. Read data only cannot be
performed while a conversion, Auto-Cal or
Auto-Zero is in progress.
PD
When this power down pin is high, the A/D is
powered down; when PD is low the A/D is
powered up. The A/D takes a maximum of 700
µs to power up after the command is given.
CH0–CH7
These are the analog inputs of the MUX. A
channel input is selected by the address infor-
mation at the DI pin (see Tables 2, 3, 4).
The voltage applied to these inputs should not
exceed V
A+ or go below GND. Exceeding this
range on an unselected channel will corrupt the
reading of a selected channel.
COM
This analog input pin is used as a pseudo
ground
when
the
analog
multiplexer
is
single-ended.
MUXOUT1, MUXOUT2
These
are
the
multiplexer
output
pins.
A/DIN1,
A/DIN2
These are the converter input pins. MUXOUT1
is usually tied to A/DIN1. MUXOUT2 is usually
tied to A/DIN2. If external circuitry is placed
between MUXOUT1 and A/DIN1, or MUXOUT2
and A/DIN2 it may be necessary to protect
these pins. The voltage at these pins should not
exceed V
A
+ or go below AGND (see Figure 6 ).
V
REF+
This is the positive analog voltage reference
input. In order to maintain accuracy the voltage
range of V
REF =(VREF+)−(VREF−) is 1 VDC to
3.3 V
DC and VREF+ cannot exceed VA+.
V
REF−
The negative voltage reference input. To main-
tain accuracy, this voltage must not go below
GND or exceed (V
REF+) − 1V. (See Figure 5).
V
A+, VD+
These analog and digital power supply pins are
not connected together on the chip and should
be tied to the same power supply but bypassed
separately (see Figure 5 ). The operating volt-
age range of V
A+ and VD+ is 3.0 VDC to 5.5
V
DC.
DGND
Digital ground pin (see Figure 5 ).
AGND
Analog ground pin (see Figure 5 ).
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com