Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0832101 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0832101
Description  UCT-WMCO 2,9 (23X4) - Wire marking
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0832101 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0832101 Datasheet HTML 1Page - PHOENIX CONTACT 0832101 Datasheet HTML 2Page - PHOENIX CONTACT 0832101 Datasheet HTML 3Page - PHOENIX CONTACT 0832101 Datasheet HTML 4Page - PHOENIX CONTACT 0832101 Datasheet HTML 5Page - PHOENIX CONTACT 0832101 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Wire marking, Sheet, white, unmarked, can be labeled with: BLUEMARK E.CARD,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, THERMOMARK PRIME 2.0,
THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD, TOPMARK NEO,
TOPMARK LASER, cable diameter range: 2 ... 2.9 mm, mounting type: clip on, Number of
individual labels: 24, text field height: 4 mm, text field width: 23 mm
Your advantages
The UCT-WMCO ... UniCard labeling range includes markers for the subsequent labeling of conductors by simply snapping on
Large-surface labeling option in a space-saving design
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
Secure tight fit even in the event of vibrations
The format automatically ensures printing with a high degree of positioning accuracy
Commercial data
Item number
0832101
Packing unit
9 pc
Minimum order quantity
9 pc
Sales key
BG10
Product key
BG2218
GTIN
4055626258607
Weight per piece (including packing)
12.07 g
Weight per piece (excluding packing)
10.428 g
Customs tariff number
39269097
Country of origin
PL
UCT-WMCO 2,9 (23X4) - Wire marking
0832101
https://www.phoenixcontact.com/us/products/0832101
Aug 18, 2025, 7:52AM
Page 1 (6)


Similar Part No. - 0832101

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0832100 PHOENIX-0832100 Datasheet
59Kb / 4P
Conductor marking - UCT-WMCO 1,9 (23X4)
09/11/2020
0832102 PHOENIX-0832102 Datasheet
189Kb / 6P
UCT-WMCO 3,5 (23X4) - Wire marking
0832103 PHOENIX-0832103 Datasheet
189Kb / 6P
UCT-WMCO 4,1 (23X4) - Wire marking
0832104 PHOENIX-0832104 Datasheet
191Kb / 6P
UCT-WMCO 4,7 (23X4) - Wire marking
0832105 PHOENIX-0832105 Datasheet
188Kb / 6P
UCT-WMCO 5,4 (23X8) - Wire marking
More results

Similar Description - 0832101

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SDR-2 3M-SDR-2 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-7 3M-SDR-7 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-A 3M-SDR-A Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
SDR-RD 3M-SDR-RD Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
logo
PHOENIX CONTACT
0830765 PHOENIX-0830765 Datasheet
53Kb / 2P
Snap-in markers - UCT-EM (7X10)
0803342 PHOENIX-0803342 Datasheet
47Kb / 2P
Magazine - TMP-UCT-MAG1
09/11/2020
0818218 PHOENIX-0818218 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (23X4)
09/11/2020
0827162 PHOENIX-0827162 Datasheet
65Kb / 4P
Conductor marker - UC-WMCO 2,9 (21X3,5)
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
0832100 PHOENIX-0832100 Datasheet
59Kb / 4P
Conductor marking - UCT-WMCO 1,9 (23X4)
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com