Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P80 Datasheet(PDF) 1 Page - 3M Electronics

Part # P80
Description  Coated Abrasive Sheets And Rolls 3M 734 Wetordry Paper Sheets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

P80 Datasheet(HTML) 1 Page - 3M Electronics

  P80 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sheets 230 x 280mm
Price Each
Rolls 75mm x 25m
Price Each
Grit
Order Code
Order Code
P60
149-5815
P80
149-5816
P120
149-5817
268-602
P150
149-5818
P180
149-5819
268-603
P240
149-5820
149-5839
P320
149-5821
268-606
P400
149-5822
268-607
P600
149-5824
268-608
P800
149-5825
P1000
149-5826
P1200
149-5827
Rolls 100mm x 25m
Price Each
Rolls 115mm x 50m
Price Each
Grit
Order code
Order code
P80
268-610
P240
149-5840
P400
149-5841
P800
149-5842
494711
3M 734 Wetordry
 Paper Sheets
A fast cutting, waterproof silicone carbide pa-
per. For use mainly on paints, gels coats and
lacquers. Wide range enables ultra-fine finishes
to be attained.
Coated Abrasive Sheets And Rolls


Similar Part No. - P80

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
P80 SAMSUNG-P80 Datasheet
596Kb / 36P
HARD DISK DRIVE service manual
logo
UN Semiconducctor INC
P8000SC UNSEMI-P8000SC Datasheet
3Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
List of Unclassifed Man...
P8006EDG ETC2-P8006EDG Datasheet
288Kb / 5P
P-Channel Logic Level Enhancement
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
P8008BD ETC1-P8008BD Datasheet
657Kb / 7P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - P80

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS182310XX PANASONIC-EYGS182310XX Datasheet
135Kb / 4P
?쏱GS??Graphite Sheets
logo
3M Electronics
A02014 3M-A02014 Datasheet
51Kb / 1P
Wetordry™ 734 Tri-Mite™ Abrasive Sheet
logo
TDK Electronics
IFL04 TDK-IFL04 Datasheet
137Kb / 8P
Magnetic Sheets for RFID
IFL10M TDK-IFL10M Datasheet
143Kb / 8P
Noise Suppression Sheets
IFL16 TDK-IFL16 Datasheet
140Kb / 7P
Noise Suppression Sheets
logo
3M Electronics
830RCT 3M-830RCT Datasheet
556Kb / 3P
3M™ Scotch® Pouch Tape Sheets 830RCT
Apr-2016
7260M 3M-7260M Datasheet
134Kb / 4P
3M??High Temperature Over Spray Protective Bags and Sheets 7260M
281Q 3M-281Q Datasheet
49Kb / 2P
3M??Wetordry??Polishing Paper
logo
Molex Electronics Ltd.
638668000 MOLEX-638668000 Datasheet
159Kb / 5P
FineAdjust Applicator Specification Sheets
06-02-05
logo
TDK Electronics
IFQ06 TDK-IFQ06 Datasheet
478Kb / 6P
Magnetic Sheets for RFID
Ver.5.0 May. 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com