Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO-1 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # ISO-1
Description  SeaISO Single Port Inline USB Isolator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

ISO-1 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  ISO-1 Datasheet HTML 1Page - Sealevel Systems, Inc. ISO-1 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Family
• SeaISO
Certifications
• EN60601-1 3rd Edition, FCC, CE
Communications Chip
• USB Hub
Dimensions
• Enclosure: 7.6" (L) x 2.0" (W) x 1.1" (H) – 4.0" (L) w/o Mounting Ears
Humidity Range
• 10 – 90% Relative Humidity, Non-Condensing
Host Interface(s)
• USB
Max Data Distance
• 5 M
Max Data Rate
• 12 Mbps (Device Connection)
Operating Temperature
• -20°C to 60°C (-4°F to 140°F)
# of Ports
• 1
Power Requirement
• USB +5V @ 200 mA (Max)
RoHS Compliant
• Yes
Storage Temperature
• -40°C to 85°C (-40°F to 185°F)
Upstream Isolation
• 4 kV Isolation
USB Specification
• 2.0 Compatible (Host Connection)
Specifications
World Class, American Made.
Sealevel.com
World Class, American Made.
SeaISO Single Port Inline USB Isolator
(UL Recognized)
Part: ISO-1 Model: SeaISO USB Isolator
SL9312-C20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com