Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO-1R Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # ISO-1R
Description  SeaISO Single Port Ruggedized Inline USB Isolator Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

ISO-1R Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  ISO-1R Datasheet HTML 1Page - Sealevel Systems, Inc. ISO-1R Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
SeaISO Single Port Ruggedized Inline USB Isolator Cable (UL Recognized)
Part: ISO-1R | Model: SeaISO Rugged USB Isolator
Features
• Protects host and field equipment from damaging surges and
transients
• UL Recognized in accordance with EN60601-1 3rd Edition requirements
• Features medical-grade 4 kV isolation, data and power
• Powered by USB host connection; supports energy transfer with
isolation
• Maximum of 1.1 A output current when connected to a high-power USB
port
• Provides 300 mA to downstream USB devices when connected to
standard 500 mA USB port
• Provides 500 mA to downstream USB devices when connected to 1 A
USB port
• USB 2.0 compatible device supports full-speed 12 Mbps operation
• Supported in Microsoft Windows, Linux and other USB aware operating
systems
• Ruggedized construction using molded connectors with overmold
“bump” in the cable design
• Total cable and device length of 72 inches
• Compliant with CE, FCC, RoHS and WEEE directives
Specifications
Family
SeaISO
Certifications
EN60601-1 3rd Edition, FCC, CE
Communication Chip
USB Hub
Dimensions
Overmold: 4.0” (L) x 2.0” (W) x 1.1” (H)
– 72” Overall Cable Length
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
USB
Max Data Distance
5 M
Max Data Rate
12 Mbps (Device Connection)
Operating
Temperature
-20°C to 60°C (-4°F to 140°F)
# of Ports
1
Power Requirement
USB +5V @ 200 mA (Max)
RoHS Compliant
Yes
Storage Temperature
-40°C to 85°C (-40°F to 185°F)
Upstream Isolation
4 kV Isolation
USB Specification
2.0 Compatible (Host Connection)
sealevel.com
+1 864.843.4343
SL9487 F22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com