Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-CONFIG Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # R3-CONFIG
Description  Relio R3 Configurable 3U Rackmount Industrial Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

R3-CONFIG Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  R3-CONFIG Datasheet HTML 1Page - Sealevel Systems, Inc. R3-CONFIG Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
Relio R3 Configurable 3U Rackmount Industrial Computer
Part: R3-Config | Model: Relio R3
Features
• 3U rackmount enclosure with powder-coated finish
• Silent solid-state design with no fans or other moving parts
• Wide temperature operation from 0°C to 50°C ambient
• COM Express Type 6 Module supports Intel dual-core Atom processors
• Up to 4GB DDR3 RAM
• Internal 2.5″ drive bay is perfect for optional solid-state
disk (SSD) applications
• Integrated graphics supporting DirectX and OpenGL 3.x
• Eighteen expansion slots for optional analog, digital and serial I/O
• One PCI Express x1 half-length expansion slot
• Supports ACPI power management
sealevel.com
+1 864.843.4343
SL 9366-K21
Enclosure Front
• Integrated 7” LCD touchscreen operator interface
• Stereo audio line-in and line-out via standard 1/8″ speaker connectors
• Two SeaLATCH locking USB 2.0 ports
• LED status indicators for power and disk activity
• On/Off power switch
Enclosure Rear
• Eighteen I/O expansion slots for optional analog, digital and serial I/O
• One PCI Express half-length x1 slot
• Two 10/100/1000BaseT RJ45 Gigabit Ethernet ports with status LEDs
• Two SeaLATCH locking USB 2.0 ports
• Three DB9M serial ports (COM1,2 = RS-232, COM3 = RS-485)
• One DisplayPort 1.1 digital video connector (supports optional active
analog VGA adapters)
18-36 VDC power input via 4-pin removable terminal blockWhat’s In the
Box?
• Relio R3 rackmount computer
• 100-240 VAC to 24 VDC @ 3.75 A, 90 Watt desktop power supply
(Item# TR139), with attached Molex 39-01-2040 connector
• NEMA 5-15P US power cord, 72-inch length (Item# CA248)
• Optional cables and solid-state storage available as accessories
Specifications
Family
Relio
CPU
Intel Atom N2800 1.8GHz Dual-Core
Chipset
Intel NM10 Express, Intel QM77 Expres
BIOS
AMI Aptio EFI with CMOS Backup in
16MB SPI Flash, AMI Aptio UEFI
Max RAM
4GB DDR3 1066MHz via 204-pin
SODIMM Slot
Display Support
DisplayPort 1.1
Networking
Dual Gigabit Ethernet
Expansion Slots
18 SeaRAQ I/O Slots,One PCI Express
x1 SlotOne PCI Express Half-Size Mini
Card for Optional Wireless or Other
Capabilities
USB 2.0 Ports
Four SeaLATCH Locking USB
Serial Ports
Two RS-232, One RS-485
Power Requirement
18-36 VDC (Max. 120W)
Operating
Temperature
0°C to 50°C (32°F to 122°F)
Storage
Temperature
-20°C to 80°C (-4°F to 176°F)
Humidity Range
10 – 90% Relative Humidity,
Non-Condensing
Dimensions
19.0” (L) x 8.0” (W) x 5.2” (H)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com