Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOT323 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # SOT323
Description  Surface mounted, 3 pin package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

SOT323 Datasheet(HTML) 2 Page - Zetex Semiconductors

  SOT323_07 Datasheet HTML 1Page - Zetex Semiconductors SOT323_07 Datasheet HTML 2Page - Zetex Semiconductors SOT323_07 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Package information - SOT323
Issue 2 - March 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Nominal weight
Nominal weight per device 5.45mg.
Tape and reel information
Embossed carrier tape configuration
Orientation
Tape width
(mm)
Reel size
(inches)
No. of
components
Tape option
indicator
8
7
3,000
TA
8
13
10,000
TC
Dimensions
mm (inches)
Tape size (mm)
8
121624
A0, B0, K0
See note*
NOTES:
* A0, B0 and K0 dimensions are determined with respect to EIA/JEDEC rotational and lateral movement requirements
(see fig. 1).
See note*
See note*
See note*
B1 (max.)
4.55 (0.179)
8.20 (0.323)
12.10 (0.476)
20.10 (0.791)
D
1.50 + 0.10 - 0.00
1.50 + 0.10 - 0.00
1.50 + 0.10 - 0.00
1.50 + 0.10 - 0.00
D1 (max.)
1.00 (0.039)
1.50 (0.059)
1.50 (0.059)
1.50 (0.059)
E
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
F
3.50 ± 0.10
(0.138 ± 0.004)
5.50 ± 0.05
(0.217 ± 0.002)
7.50 ± 0.10
(0.295 ± 0.004)
11.50 ± 0.10
(0.453 ± 0.004)
P
4.00 ±0.10
(0.157 ± 0.004)
4.00 ±0.10
(0.157 ± 0.004)
8.00 ±0.10
(0.315 ± 0.004)
4.00 ± 0.10
(0.157 ± 0.004)
8.00 ±0.10
(0.315 ± 0.004)
12.00 ± 0.10
(0.472 ± 0.004)
4.00 ± 0.10
(0.157 ± 0.004)
to 20.00 ± 0.10
(0.787 ± 0.004)
in 4.00 (0.157)
increments
P0
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
P2
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
t (max.)
0.40
0.40
0.40
0.40
W
8.00 (0.315)
12.00 ± 0.30
(0.472 ± 0.012)
16.30 (0.642)
24.30 (0.957)
D
K
t
P0
P2
A0
B0
P
Center lines
of cavity
10 pitches culmulative
tolerance on tape
±0.2mm (±0.008”)
User direction of feed
Embossment
Top cover
tape
K0
B1
See Note 1
See Note 1
See Note 1
D1
W
F
E



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com