Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91237 Datasheet(PDF) 1 Page - Brady Worldwide, Inc.

Part # 91237
Description  Visual Workplace Marking
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

91237 Datasheet(HTML) 1 Page - Brady Worldwide, Inc.

  91237 Datasheet HTML 1Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
274
Reinforced Barricade Tape
• Provides fast, on-the-spot warning
• Standard package: one roll
• 250 lbs tensile strength
Economy Barricade Tape
• Made of lightweight polyethylene
• Ideal for temporary use outdoors or
permanent indoor warning
Barricade Tape
• Non-adhesive B-912 Polyethylene tapes provides fast,
on-the-spot warning
• Use for temporary outdoor or permanent indoor use
• Lightweight tape can be tied, stapled or nailed to posts,
fences or metal barricades
• Custom legends also available
Woven Barricade Tape
• Made of B-903 polypropylene
• Contains ultraviolet inhibitors for
permanent outdoor marking
Tape Tender
• Lightweight, indestructible construction
• Dispenses any 2” or 3” plastic tape rolls
up to 1,000’
• Tape advances as needed using thumb
• Steel safety cutting blade cuts fast and
smooth
• Patent No. 5,538,170
Re-Pulpable Barricade Tape
• Made of 100% strong woven,
biodegradable cotton material
• Tape will break down if accidentally
introduced into the system
1910.144(a):
Use yellow
and black for physical
hazards, red and white for
fire protection equipment,
black and white for
traffic and housekeeping
markings, magenta
and yellow for radiation
hazards.
Safety Color
Code for Marking
Physical Hazards
Visual Workplace Marking
Caution tape
sold separately.
Catalog # Legend
Size
Color
91100
Caution
3” x 500’ Blk/Ylw
91101
Caution Construction
Area
3” x 500’ Blk/Ylw
91102
Caution Do Not Enter
3” x 500’ Blk/Ylw
91103
Caution Men Working
3” x 500’ Blk/Ylw
91104
Striped
3” x 500’ Blk/Ylw
3” x 200’
3” x 1000’ Legend
Color
91468
91462
Authorized Personnel Only
Blk/Ylw
91214
91454
(Blank - Blk/Yellow Stripes Only)
Blk/Ylw
91212
91450
Caution
Blk/Ylw
91447
91448
Caution Biohazard
Blk/Org
91469
91463
Caution Chemical Hazard
Blk/Ylw
91217
91453
Caution Construction Area
Blk/Ylw
91224
91451
Caution Do Not Enter
Blk/Ylw
91220
91458
Caution High Voltage
Blk/Ylw
91215
91452
Caution Men Working
Blk/Ylw
91227
91457
Caution Open Trench
Blk/Ylw
91470
91464
Caution Radiation Hazard
Mag/Ylw
91256
91257
Confined Space Do Not Enter
Blk/Ylw
91200
91201
Danger
Blk/Red
91213
91455
Danger
Blk/Ylw
91255
91456
Danger Asbestos Dust Hazard
Blk/Ylw
-
102823
Danger Asbestos Dust Hazard (w/Stripes) Blk/Red/Wht
-
102822
Danger Confined Space (w/Stripes)
Blk/Red/Wht
102821
-
Do Not Enter (w/Stripes)
Blk/Red
102824
-
Do Not Enter
Blk/Red
Catalog #
Legend
Size
91172
0.75” x 150’
Black/Yellow
91173
0.75” x 150’
Magenta/Yellow
91175
0.75” x 150’
Black/Red
91176
2” x 200’
Black/Yellow
91179
2” x 200’
Black/Red
2” x 150’ 3” x 150’ Legend
Color
91082
91083
Caution
Blk/Ylw
91086
91084
Danger
Blk/Red
-
91087
Danger Do Not Enter Blk/Ylw
-
91085
Danger Do Not Enter Blk/Red
Catalog #
Legend
Qty.
72412
Tape Tender
1
Catalog #
Size
Color
91237
1” x 500’
Blk/Ylw
91238
3” x 500’
Blk/Ylw
BradyID.com/visualworkplace
07_VisualWorkplace.indd 274
12/1/14 5:10 PM


Similar Part No. - 91237

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
9123711054 MEDER-9123711054 Datasheet
132Kb / 2P
Reed sensor
More results

Similar Description - 91237

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YSS215 ETC-YSS215 Datasheet
714Kb / 7P
AUDIO & VISUAL SURROUND PROCESSOR
logo
KEC(Korea Electronics)
2N2904E KEC-2N2904E_08 Datasheet
32Kb / 1P
Laser Marking
2N2906E KEC-2N2906E_08 Datasheet
21Kb / 1P
Laser Marking
2N3904C KEC-2N3904C_00 Datasheet
30Kb / 1P
Laser Marking
logo
STMicroelectronics
STVP STMICROELECTRONICS-STVP Datasheet
53Kb / 3P
ST Visual Programmer
17-Sep-2010
logo
AVX Corporation
TAJA106M006RNJ AVX-TAJA106M006RNJ Datasheet
63Kb / 1P
Marking
TAJD476M010RNJ AVX-TAJD476M010RNJ Datasheet
63Kb / 1P
Marking
logo
List of Unclassifed Man...
HLD ETC1-HLD Datasheet
677Kb / 1P
Visual indicating fuse
logo
KEC(Korea Electronics)
MBRD20U100CT KEC-MBRD20U100CT Datasheet
22Kb / 1P
Laser Marking or Ink Marking
logo
Rohm
SLH-56VR3F ROHM-SLH-56VR3F Datasheet
101Kb / 4P
VISUAL LIGHT EMITTING DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com