Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC107 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BC107
Description  LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC107 Datasheet(HTML) 2 Page - STMicroelectronics

  BC107 Datasheet HTML 1Page - STMicroelectronics BC107 Datasheet HTML 2Page - STMicroelectronics BC107 Datasheet HTML 3Page - STMicroelectronics BC107 Datasheet HTML 4Page - STMicroelectronics BC107 Datasheet HTML 5Page - STMicroelectronics BC107 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
200
500
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICBO
Collect or Cut-off
Current (IE =0)
for BC107
VCB =40 V
VCB =40 V
Tcas e =150
oC
for BC108
VCB =20 V
VCB =20 V
Tcas e =150
oC
15
15
15
15
nA
µA
µA
µA
V(BR)CBO
Collect or-Base
Breakdown Volt age
(I E = 0)
IC =10
µA
for BC107
for BC108
50
30
V
V
V( BR)CEO
∗ Collector-Emitter
Breakdown Volt age
(IB =0)
IC =10 mA
for BC107
for BC108
45
20
V
V
V(BR)EBO
Emitt er-Base
Breakdown Volt age
(IC =0)
IE =10
µA
for BC107
for BC108
6
5
V
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =10 mA
IB =0.5 mA
IC =100 mA
IB =5 mA
70
200
250
600
mV
mV
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =10 mA
IB =0.5 mA
IC =100 mA
IB =5 mA
750
950
mV
mV
VBE(on)
∗ Base-Emitter On
Voltage
IC =2 mA
VCE =5 V
IC =10 mA
VCE =5 V
550
650
700
700
770
mV
mV
hFE
∗
DC Current G ain
IC =2 mA
VCE =5 V
for BC107
for BC107 Gr. A
for BC107 Gr. B
for BC108
for BC108 Gr. A
for BC108 Gr. B
for BC108 Gr. C
IC =10
µAVCE =5 V
for BC107
for BC107 Gr. A
for BC107 Gr. B
for BC108
for BC108 Gr. A
for BC108 Gr. B
for BC108 Gr. C
110
110
200
110
110
200
420
40
40
100
120
90
150
120
90
150
270
450
220
450
800
220
450
800
hfe
∗
Small Signal Current
Gain
IC =2 mA
VCE =5 V
f =1KHz
for BC107
for BC107 Gr. A
for BC107 Gr. B
for BC108
for BC108 Gr. A
for BC108 Gr. B
for BC108 Gr. C
IC =10 mA VCE = 10 V f = 100 MHz
250
190
300
370
190
300
500
2
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1%
BC107/BC108
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com