Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2690 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC2690
Description  Bluetooth V2.1 and FM RDS transceiver system-on-chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2690 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC2690 Datasheet HTML 1Page - STMicroelectronics STLC2690 Datasheet HTML 2Page - STMicroelectronics STLC2690 Datasheet HTML 3Page - STMicroelectronics STLC2690 Datasheet HTML 4Page - STMicroelectronics STLC2690 Datasheet HTML 5Page - STMicroelectronics STLC2690 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2008
Rev 1
1/6
6
STLC2690
Bluetooth V2.1 and FM RDS transceiver system-on-chip
Features
■ Addition of the FM transmit functionality to
Bluetooth and FM radio combo system-on-chip
– Send music content stored on a portable
device to any in-car or home FM tuner
system
– SureTuneTM technology to select the
optimal FM transmit frequency
■ Simultaneous operation of Bluetooth and FM
■ Very low power consumption for battery
powered devices
– Designed in ST’s low power 65 nm
RFCMOS technology
■ Increased link budget for both Bluetooth and
FM to improve the connection stability
■ Small PCB footprint
– WLCSP package, 0.6 mm height and
0.4 mm pitch
– Only 10 external components
–Easy layout
– Require PCB footprint < 36 mm2
■ Easy integration on mobile platforms
– Support for low power and system
reference clocks (up to 52 MHz) of the
major cellular basebands
– 1.8 V supply voltage
– Several analog and digital audio and data
interfaces supported
– Reference design, development tools and
guidelines
Description
The STLC2690 combines Bluetooth V2.1 + EDR
and FM R(B)DS transceiver functionality on a
single chip designed in ST low power 65 nm
RFCMOS process. The device is fully optimized
for mobile phones, smart phones, PDAs and
portable multimedia player applications. The
required board space has been minimized. Power
consumption levels are optimized for battery
powered devices and the high integration level
allows a cost effective solution. The low external
BOM count allows easy integration of the
STLC2690 into products, enabling short time to
market.
Figure 1.
Block diagram
www.st.com


Similar Part No. - STLC2690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC2150 STMICROELECTRONICS-STLC2150 Datasheet
191Kb / 10P
BLUETOOTH RADIO TRANSCEIVER
Jan-2004
STLC2410B STMICROELECTRONICS-STLC2410B Datasheet
305Kb / 20P
BLUETOOTH BASEBAND
Rev. 2.0
STLC2411 STMICROELECTRONICS-STLC2411 Datasheet
216Kb / 25P
BLUETOOTH BASEBAND
REV. 1
STLC2415 STMICROELECTRONICS-STLC2415 Datasheet
181Kb / 22P
BLUETOOTH BASEBAND WITH INTEGRATED FLASH
Rev. 2
STLC2416 STMICROELECTRONICS-STLC2416 Datasheet
251Kb / 27P
BLUETOOTH BASEBAND WITH INTEGRATED FLASH
Jun-2004
More results

Similar Description - STLC2690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC2592 STMICROELECTRONICS-STLC2592 Datasheet
206Kb / 5P
Bluetooth V2.1(a) EDR and RDS FM radio combo solution
15-Jan-2007
STLC2593 STMICROELECTRONICS-STLC2593 Datasheet
212Kb / 5P
Bluetooth EDR and RDS FM radio tuner
22-Jan-2008
logo
Texas Instruments
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
logo
Panasonic Semiconductor
PAN1310-HCI-2.1 PANASONIC-PAN1310-HCI-2.1 Datasheet
358Kb / 2P
Bluetooth V2.1 HCI Module
logo
Texas Instruments
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
logo
STMicroelectronics
BLUENRG-1 STMICROELECTRONICS-BLUENRG-1 Datasheet
5Mb / 173P
Bluetooth low energy wireless system-on-chip
23-Jun-2016
logo
Cypress Semiconductor
CYW20736 CYPRESS-CYW20736 Datasheet
938Kb / 47P
Single-Chip Bluetooth Low Energy System-On-Chip
logo
ON Semiconductor
RSL10 ONSEMI-RSL10 Datasheet
158Kb / 19P
Bluetooth 5 Radio System-on-Chip (SoC)
May, 2018 ??Rev. 3
logo
Infineon Technologies A...
CYW920820M2EVB-01 INFINEON-CYW920820M2EVB-01 Datasheet
4Mb / 4P
AIROC CYW20820 Bluetooth and Bluetooth® LE system on chip evaluation kit
05 / 2022
CYW20820 INFINEON-CYW20820 Datasheet
631Kb / 59P
AIROC™ Bluetooth® and Bluetooth® LE system on chip
Rev. G 2022-09-26
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com