Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD047AD Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65MLVD047AD
Description  SN65MLVD047A Multipoint-LVDS Quad Differential Line Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD047AD Datasheet(HTML) 4 Page - Texas Instruments

  SN65MLVD047AD Datasheet HTML 1Page - Texas Instruments SN65MLVD047AD Datasheet HTML 2Page - Texas Instruments SN65MLVD047AD Datasheet HTML 3Page - Texas Instruments SN65MLVD047AD Datasheet HTML 4Page - Texas Instruments SN65MLVD047AD Datasheet HTML 5Page - Texas Instruments SN65MLVD047AD Datasheet HTML 6Page - Texas Instruments SN65MLVD047AD Datasheet HTML 7Page - Texas Instruments SN65MLVD047AD Datasheet HTML 8Page - Texas Instruments SN65MLVD047AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range unless otherwise noted(1)
MIN
MAX
UNITS
VCC
Supply voltage range(2)
–0.5
4
V
VI
Input voltage range
A, EN, EN
–0.5
4
V
VO
Output voltage range
Y, Z
–1.8
4
V
TJ
Junction temperature
140
°C
PD
Device power dissipation
EN = VCC, EN = GND, RL = 50Ω, Input 100MHz 50 %
duty cycle square wave to 1A:4A, TA = 85°C
288.5
mW
Tstg
Storage Temperature
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to the circuit ground terminal.
5.2 ESD Ratings
VALUE
UNIT
V (ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/
ESDA/JEDEC JS-001(1)
Y and Z
±9000
V
All pins
±4000
Charged device model (CDM), per AEC
Q100-011(2)
All pins
±1500
Machine Model
All pins
±200
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
see Figure 6-1
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
0
0.8
V
Voltage at any bus terminal (separate or common mode) VY or VZ
–1.4
3.8
V
RL
Differential load resistance
30
55
Ω
1/tUI
Signaling rate
200
Mbps
Clock frequency
100
MHz
TJ
Junction temperature
–40
125
°C
5.4 Package Dissipation Ratings
PACKAGE
PCB JEDEC
STANDARD
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C(1)
TA = 85°C
POWER RATING
D(16)
Low-K(2)
898mW
7.81mW/°C
429mW
PW(16)
Low-K(2)
592mW
5.15mW/°C
283mw
High-K(3)
945mW
8.22mW/°C
452mw
(1)
This is the inverse of the junction-to-ambient thermal resistance when board mounted and with no air flow.
(2)
In accordance with the Low-K thermal metric definitions of EIA/JESD51-3.
(3)
In accordance with the High-K thermal metric definitions of EIA/JESD51-7.
SN65MLVD047A
SLLS736B – JULY 2006 – REVISED MARCH 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN65MLVD047A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com