Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC108 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BC108
Description  LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC108 Datasheet(HTML) 3 Page - STMicroelectronics

  BC108 Datasheet HTML 1Page - STMicroelectronics BC108 Datasheet HTML 2Page - STMicroelectronics BC108 Datasheet HTML 3Page - STMicroelectronics BC108 Datasheet HTML 4Page - STMicroelectronics BC108 Datasheet HTML 5Page - STMicroelectronics BC108 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
CCBO
Collect or Base
Capacitance
IE =0
VCB =10 V
f = 1MHz
4
6
pF
CEBO
Emitt er Base
Capacitance
IC =0
VEB =0.5 V
f = 1MHz
12
pF
NF
Noise Figure
IC =0.2 mA
VCE =5 V
f= 1KHz
Rg =2K
Ω
B = 200Hz
210
dB
hie
Input Impedance
IC =2 mA
VCE =5 V
f =1KHz
for BC107
for BC107 Gr. A
for BC107 Gr. B
for BC108
for BC108 Gr. A
for BC108 Gr. B
for BC108 Gr. C
4
3
4.8
5.5
3
4.8
7
K
Ω
K
Ω
K
Ω
K
Ω
K
Ω
K
Ω
K
Ω
hre
Reverse Voltage Ratio
IC =2 mA
VCE =5 V
f =1KHz
for BC107
for BC107 Gr. A
for BC107 Gr. B
for BC108
for BC108 Gr. A
for BC108 Gr. B
for BC108 Gr. C
2.2
1.7
2.7
3.1
1.7
2.7
3.8
10
-4
10
-4
10
-4
10
-4
10
-4
10
-4
10
-4
hoe
Output Admittance
IC =2 mA
VCE =5 V
f =1KHz
for BC107
for BC107 Gr. A
for BC107 Gr. B
for BC108
for BC108 Gr. A
for BC108 Gr. B
for BC108 Gr. C
30
13
26
30
13
26
34
µS
µS
µS
µS
µS
µS
µS
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1%
DC Normalized Current Gain.
Collector--emitter Saturation Voltage.
BC107/BC108
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com