Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD201 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN65MLVD201
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD201 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65MLVD201 Datasheet HTML 9Page - Texas Instruments SN65MLVD201 Datasheet HTML 10Page - Texas Instruments SN65MLVD201 Datasheet HTML 11Page - Texas Instruments SN65MLVD201 Datasheet HTML 12Page - Texas Instruments SN65MLVD201 Datasheet HTML 13Page - Texas Instruments SN65MLVD201 Datasheet HTML 14Page - Texas Instruments SN65MLVD201 Datasheet HTML 15Page - Texas Instruments SN65MLVD201 Datasheet HTML 16Page - Texas Instruments SN65MLVD201 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
www.ti.com
DEVICE FUNCTION TABLES
INPUTS
OUTPUT
VID = VA - VB
L
H
- 50 mV < VID < 50 mV
L
?
VID ≤ - 50 mV
L
L
X
H
Z
TYPE-1 RECEIVER (201, 203)
VID ≥ 50 mV
Open Circuit
L
RE
?
R
TYPE-2 RECEIVER (206, 207)
H = high level, L = low level, Z = high impedance, X = Don’t care, ? = indeterminate
INPUT
OUTPUTS
L
H
OPEN
X
X
DRIVER
D
DE
A OR Y
H
H
H
OPEN
L
L
H
L
Z
Z
H
L
H
Z
Z
ENABLE
B OR Z
X
Open
Z
INPUTS
OUTPUT
VID = VA - VB
L
H
50 mV < VID < 150 mV
L
?
VID ≤ 50 mV
L
L
X
H
Z
VID ≥ 150 mV
Open Circuit
L
RE
L
R
X
Open
Z
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
360 k
Ω
400
Ω
VCC
DRIVER INPUT AND DRIVER ENABLE
D or DE
7 V
400
Ω
VCC
RE
7 V
RECEIVER ENABLE
VCC
7 V
10
Ω
10
Ω
RECEIVER OUTPUT
360 k
Ω
DRIVER OUTPUT
A/Y or B/Z
R
VCC
200 k
Ω
250 k
Ω
200 k
Ω
250 k
Ω
100 k
Ω
100 k
Ω
VCC
RECEIVER INPUT
B
A
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558C – DECEMBER 2002 – REVISED JANUARY 2007
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): SN65MLVD201 SN65MLVD203 SN65MLVD206 SN65MLVD207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com