Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4560TRAY Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC4560TRAY
Description  Single chip 802.11b/g WLAN radio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4560TRAY Datasheet(HTML) 3 Page - STMicroelectronics

  STLC4560TRAY Datasheet HTML 1Page - STMicroelectronics STLC4560TRAY Datasheet HTML 2Page - STMicroelectronics STLC4560TRAY Datasheet HTML 3Page - STMicroelectronics STLC4560TRAY Datasheet HTML 4Page - STMicroelectronics STLC4560TRAY Datasheet HTML 5Page - STMicroelectronics STLC4560TRAY Datasheet HTML 6Page - STMicroelectronics STLC4560TRAY Datasheet HTML 7Page - STMicroelectronics STLC4560TRAY Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STLC4560
Electrical characteristics
3/8
2
Electrical characteristics
Table 1.
Absolute maximum ratings
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC
PMU VBATT
-0.3
-
7.0
V
Voltage on any other pin
Within shared voltage
rails
-0.3
-
Vcc + 0.3
V
VCC to VCC
-0.3
-
+0.3
V
Any GND to GND
-0.3
-
+0.3
V
Table 2.
Operating conditions and input power specifications
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
TOP
Operating temperature
range
-30
85
oC
VBATT
supply
Input supply voltage
Power management unit
VBATT supply input
3.0
3.6
5.5
V
Average standby mode
current
VBATT = 3.6 V
10
μA
VDIG
Input supply voltage
SWx (x={1, 2, 3, 4})
supply input
1.7
VBATT
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com