Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC177 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BC177
Description  LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC177 Datasheet(HTML) 2 Page - STMicroelectronics

  BC177 Datasheet HTML 1Page - STMicroelectronics BC177 Datasheet HTML 2Page - STMicroelectronics BC177 Datasheet HTML 3Page - STMicroelectronics BC177 Datasheet HTML 4Page - STMicroelectronics BC177 Datasheet HTML 5Page - STMicroelectronics BC177 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
200
500
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICES
Collect or Cut-off
Current (VBE =0)
VCE =-20 V
VCE =-20 V
Tamb =150
oC
-1
-100
-10
nA
µA
V(BR)CES
Collect or-Emitter
Breakdown Volt age
(VBE =0)
IC =-10
µA-50
V
V( BR)CEO
∗ Collector-Emitter
Breakdown Volt age
(IB =0)
IC =-2 mA
-45
V
V(BR)EBO
Emitt er-Base
Breakdown Volt age
(IC =0)
IE =-10
µA-5
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =-10 mA
IB = -0.5 mA
IC =-100 mA
IB =-5 mA
-75
-200
-250
mV
mV
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =-10 mA
IB = -0.5 mA
IC =-100 mA
IB =-5 mA
-720
-860
mV
mV
VBE(on)
∗ Base-Emitter On
Voltage
IC =-2 mA
VCE = -5 V
-550
-640
-750
mV
hfe
∗
Small Signal Current
Gain
IC =-2 mA
VCE =-5 V
f = 1KHz
Gr. A
Gr. B
125
240
260
500
fT
Transit ion F requency
IC =-10 mA VCE = -5 V f = 100 MHz
200
MHz
CCBO
Collect or Base
Capacitance
IE =0
VCB = -10 V
5
pF
NF
Noise Figure
IC =-0.2 mA
VCE =-5 V
f= 1KHz
Rg =2K
Ω
B = 200Hz
210
dB
hie
Input Impedance
IC =-2 mA
VCE =-5 V
f = 1KHz
Gr. A
Gr. B
2.7
5.2
K
Ω
K
Ω
hre
Reverse Voltage Ratio
IC =-2 mA
VCE =-5 V
f = 1KHz
Gr. A
Gr. B
2.7
4.5
10
-4
10
-4
hoe
Output Admittance
IC =-2 mA
VCE =-5 V
f = 1KHz
Gr. A
Gr. B
25
35
µS
µS
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1%
BC177
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com