Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA06002 Datasheet(PDF) 1 Page - Polymaker Industrial

Part # PA06002
Description  PolyMax™ PLA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

PA06002 Datasheet(HTML) 1 Page - Polymaker Industrial

  PA06002 Datasheet HTML 1Page - Polymaker Industrial PA06002 Datasheet HTML 2Page - Polymaker Industrial  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Nov. 2018
Technical Data Sheet
Version 4.0
www.polymaker.com
PolyMax™ PLA
PolyMax™ PLA is an incredibly easy-to-print filament with improved mechanical properties, making it an excellent
alternative to ABS.
Physical Properties
Property
Testing method
Typical value
Density
ASTM D792 (ISO 1183, GB/T 1033)
1.17 – 1.24 (g/cm3 at 21.5˚C)
Glass transition temperature
DSC, 10 °C/min
61 (°C)
Vicat Softening temperature
ASTM D1525 (ISO 306 GB/T 1633)
62 (˚C)
Melt index
210 °C, 2.16 kg
5-8 (g/10 min)
Melting temperature
DSC, 10 °C/min
149 (˚C)
Crystallization temperature
DSC, 10 °C/min
112 (˚C)
Tested with 3D printed specimen of 100% infill
Mechanical Properties
Property
Testing method
Typical value
Young’s modulus (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
1879 ± 109 (MPa)
Tensile strength (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
28.1 ± 1.3 (MPa)
Elongation at break (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
1.4 ± 0.3 (%)
Bending modulus
ASTMD790 (ISO 178, GB/T 9341)
2119 ± 60 (MPa)
Bending strength
ASTMD790 (ISO 178, GB/T 9341)
48.0 ± 1.9 (MPa)
Charpy impact strength
ASTM D256 (ISO 179, GB/T 1043)
12.2 ± 1.03 (kJ/m
2)
All testing specimens were printed under the following conditions:
nozzle temperature = 205 °C, printing speed = 60 mm/s, build plate temperature = 40 °C, infill = 100%
All specimens were conditioned at room temperature for 24h prior to testing
Recommended printing conditions
Parameter
Nozzle temperature
190 - 230 (˚C)
Build Surface material
BuildTak®, Glass, Blue Tape
Build surface treatment
Glue, Magigoo
Build plate temperature
25-60 (˚C)
Cooling fan
Turned on
Printing speed
60 (mm/s)
Raft separation distance
0.2 (mm)
Retraction distance
1 (mm)
Retraction speed
20 (mm/s)
Recommended environmental temperature
Room temperature - 45 (˚C)
Threshold overhang angle
45 (˚)
Recommended support material
PolySupport™ and PolyDissolve™ S1
Based on 0.4 mm nozzle and Simplify 3D v.4.0. Printing conditions may vary with different nozzle diameters


Similar Part No. - PA06002

ManufacturerPart #DatasheetDescription
logo
Polymaker Industrial
PA06002 POLYMAKER-PA06002 Datasheet
143Kb / 2P
PolyMax™ PLA
Nov. 2018 Version 4.0
More results

Similar Description - PA06002

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
4N60 HDSEMI-4N60 Datasheet
2Mb / 3P
TO-25 1 Pla s t ic-Encapsulate MOSFET
logo
PHOENIX CONTACT
1792216 PHOENIX-1792216 Datasheet
126Kb / 4P
PCB terminal block - PLA 5/ 1-7,5
1792232 PHOENIX-1792232 Datasheet
140Kb / 4P
PCB terminal block - PLA 5/ 3-7,5-ZF
1792258 PHOENIX-1792258 Datasheet
140Kb / 4P
PCB terminal block - PLA 5/ 5-7,5-ZF
1792274 PHOENIX-1792274 Datasheet
140Kb / 4P
PCB terminal block - PLA 5/ 7-7,5-ZF
1792287 PHOENIX-1792287 Datasheet
140Kb / 4P
PCB terminal block - PLA 5/ 8-7,5-ZF
1792313 PHOENIX-1792313 Datasheet
140Kb / 4P
PCB terminal block - PLA 5/11-7,5-ZF
1792326 PHOENIX-1792326 Datasheet
138Kb / 4P
PCB terminal block - PLA 5/12-7,5-ZF
logo
Hubbell Incorporated.
BURNDY_YA34A2NG2 HUBBELL-BURNDY_YA34A2NG2 Datasheet
259Kb / 2P
AL HYLUG 500KCMIL NO PLA
logo
SparkFun Electronics
TOL-14584 SPARKFUN-TOL-14584 Datasheet
135Kb / 2P
PLA Filament 2.85mm - 1kg (Black)
3????8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com