Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

511158 Datasheet(PDF) 3 Page - Hutchinson Paulstra

Part # 511158
Description  STOPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAULSTRA [Hutchinson Paulstra]
Direct Link  https://www.paulstra-industry.com/en
Logo PAULSTRA - Hutchinson Paulstra

511158 Datasheet(HTML) 3 Page - Hutchinson Paulstra

  511158 Datasheet HTML 1Page - Hutchinson Paulstra 511158 Datasheet HTML 2Page - Hutchinson Paulstra 511158 Datasheet HTML 3Page - Hutchinson Paulstra 511158 Datasheet HTML 4Page - Hutchinson Paulstra 511158 Datasheet HTML 5Page - Hutchinson Paulstra  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B
mm
Ø C
mm
D
mm
Reference
69
90
106
132
168
Ø E
mm
8.5
8.5
11
11
13
Ø G
mm
20
30
40
45
60
H
mm
5
6
6
8
10
85
110
130
160
200
8.5
12.5
19
23
28
Weight
g
600
1200
2000
3000
7000
514085
5 14110
514130
514160
514200
A
mm
85
110
130
160
200
LEVAFLEX PROGRESSIVE STOPS
EVIDGOM STOPS
Energy
Joules
170
280
330
550
600
650
1050
1200
1300
2200
Corresponding
deflection
mm
40
40
50
50
65
60
75
90
70
85
Reaction
daN
Exceptional
shock
energy
Joules
1200
1700
1800
3400
2800
3000
4500
4000
6000
7800
500
850
1000
1500
1800
1900
3000
3600
3900
6600
Reference
hardness
514085/60
514085/75
514110/60
514110/75
514130/60
514130/75
514160/60
514200/60
514160/75
514200/75
Repetive shocks
Energy
Joules
31
100
110
180
350
360
400
300
600
1050
2500
7100
9500
13000
17500
21000
29000
41000
50000
Corresponding
deflection
mm
30
50
45
67
75
65
85
70
75
90
90
150
200
130
175
200
250
200
250
Reaction
daN
Exceptional
shock
energy
Joules
190
580
600
750
1250
1400
1500
900
1625
2375
5500
11000
9500
18000
19000
25000
35000
70000
55000
95
300
330
540
1050
1100
1200
--
--
--
--
--
--
--
--
--
--
--
--
Reference
hardness
810644
810645
810666
810642
810653
810655
810669
810784
810775
810776
810733/60
810732/60
810731/60
810732/75
810731/75
810735/60
810734/60
810735/75
810734/75
Repetive shocks
62
Stop
reference
810642
810644
810645
810653
810655
810666
810669
810731
810732
810733
840734
810735
810775
810776
810784
810022
810004
810035
810023
810025
810046
810029
--
--
--
--
--
810015
810016
810014
Fig.
1
1
2
1
1
2
2
3
3
3
3
3
1
1
1
B
mm
Ø C
Ø C1
mm
Ø C2
mm
Ø D
mm
Ø A
under load
mm
114
72
100
140
142
98
155
360
380
370
445
500
202
256
168
120
55
93
130
132
90
150
400
315
230
500
395
150
180
140
M16
M10
M16
M16
M16
M16
M16
6 X M24
6 X M24
6 X M24
6 X M24
6 X M24
M16
M24
M16
All rubber
Evidgom
reference
Ø A
mm
85
55
66
100
110
76
110
250
250
250
350
350
155
188
125
20
14
20
20
20
20
20
70
70
70
85
85
25
40
30
30
14
14
30
30
14
30
70
70
70
85
85
40
30
25
--
--
--
--
--
--
--
150
150
150
196
196
--
--
--
NOTE : The values are given for test conditions with an impact speed of 1 m/s. Consult us for speeds that are much higher.
See current price list for availability of items.
Fig. 3
A
Ø C
Ø D
C 1
C 2
D
A
E
C
G
Fig. 2
Fig. 1
A
A
C 2
C 2
C
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com