Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1150 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS1150
Description  Power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1150 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS1150_06 Datasheet HTML 1Page - STMicroelectronics STPS1150_06 Datasheet HTML 2Page - STMicroelectronics STPS1150_06 Datasheet HTML 3Page - STMicroelectronics STPS1150_06 Datasheet HTML 4Page - STMicroelectronics STPS1150_06 Datasheet HTML 5Page - STMicroelectronics STPS1150_06 Datasheet HTML 6Page - STMicroelectronics STPS1150_06 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS1150
2/7
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.59 x IF(AV) + 0.08 IF
2
(RMS)
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
SMA
20
° C/W
Lead length = 10 mm
DO-41
30
Table 3.
Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
0.2
1.0
µA
Tj = 125° C
0.2
1.0
mA
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 1 A
0.78
0.82
V
Tj = 125° C
0.62
0.67
Tj = 25° C
IF = 2 A
0.85
0.89
Tj = 125° C
0.69
0.75
1.
tp = 5 ms, δ < 2%
2.
tp = 380 µs, δ < 2%
Figure 1.
Average forward power
dissipation versus average
forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
P
(W)
F(AV)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.05
δ = 0.1
δ = 0.2
I
(A)
F(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
T
δ=tp/T
tp
T
(°C)
amb
R
=120°C/W
th(j-a)
R=R
th(j-a)
th(j-I)
DO-41
SMA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com