Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF02S Datasheet(PDF) 1 Page - Multicomp Pro

Part # DF02S
Description  Surface Mount Glass Passivated Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

DF02S Datasheet(HTML) 1 Page - Multicomp Pro

  DF02S Datasheet HTML 1Page - Multicomp Pro DF02S Datasheet HTML 2Page - Multicomp Pro DF02S Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
11/09/19
Surface Mount
Glass Passivated Bridge Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features:
• Rating to 1000V PRV
• Ideal for printed circuit board
• Low forward voltage drop,high current capability
• Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
• The plastic material has UL flammability classification 94V-0
Mechanical Data:
Polarity
: As marked on Body
Weight
: 0.02 ounces, 0.38 grams
Mounting Position
: Any
Reverse Voltage
: 50 to 1000 Volts
Forward Current
: 1.0 Ampere
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance from junction to ambient mounted on P.C.B
with 0.5×0.5"(13×13mm) copper pads.
3. The typical data above is for reference only
Maximum Ratings and Electrical Characteristics:
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol DF005S DF01S DF02S DF04S DF06S DF08S DF10S Unit
Max. Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Max. RMS Voltage
Vrms
35
70
140
280
420
560
700
Max. DC Blocking Voltage
Vdc
50
100
200
400
600
800
1000
Max. Average Forward
Rectified Current
Ta = 40°C
I(AV)
1
A
Peak Forward Surge Current,
8.3ms Single Half Sine-wave
Super Imposed on Rated Load
Ifsm
30
Max. Forward Voltage at 1A DC
Vf
1.1
V
Max. DC Reverse Current at
Tj = 25°C
Rated DC Blocking Voltage at Tj = 125°C
Ir
10
500
μA
I2t Rating for Fusing (t<8.3ms)
I2t
3.735
A2s
Typical Junction Capacitance per Element
(Note1)
cj
25
pF
Typical Thermal Resistance (Note2)
RθJA
40
°C/W
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
Tstg


Similar Part No. - DF02S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF02S WTE-DF02S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF02S ZOWIE-DF02S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF02S JGD-DF02S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF02S SSE-DF02S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF02S FAIRCHILD-DF02S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
More results

Similar Description - DF02S

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gaomi Xinghe Electronic...
ABS1 GXELECTRONICS-ABS1 Datasheet
317Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B1S GXELECTRONICS-B1S Datasheet
316Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
ABS202 JINGHENG-ABS202 Datasheet
46Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101S JINGHENG-DB101S Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S JINGHENG-MB1S Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB10S JINGHENG-MB10S Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jingheng (Group) ...
B1S JINANJINGHENG-B1S_17 Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
ABS2MS PANJIT-ABS2MS Datasheet
512Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.02 July 05,2021
PMS410 PANJIT-PMS410 Datasheet
240Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com