Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR107. Datasheet(PDF) 3 Page - Multicomp Pro

Part # FR107.
Description  Power Diode - Fast Recovery
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

FR107. Datasheet(HTML) 3 Page - Multicomp Pro

  FR107. Datasheet HTML 1Page - Multicomp Pro FR107. Datasheet HTML 2Page - Multicomp Pro FR107. Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <3>
V1.0
31/01/13
Power Diode - Fast Recovery
Figure 5 Reverse Recovery Time Characteristic and Test Circuit Diagram
Note: 1. Rise Time = 7nS Max.
Input Impedance = 1MΩ, 22pF
2. Rise Time = 10nS Max.
Source Impedance = 50Ω
Dimensions : Inches (Millimetres)
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Length
Diameter
Part Number
Power Diodes - Fast Recovery
5.2mm
2.7mm
FR107



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com