Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF50 Datasheet(PDF) 21 Page - Multicomp Pro

Part # MF50
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF50 Datasheet(HTML) 21 Page - Multicomp Pro

Back Button MF50 Datasheet HTML 13Page - Multicomp Pro MF50 Datasheet HTML 14Page - Multicomp Pro MF50 Datasheet HTML 15Page - Multicomp Pro MF50 Datasheet HTML 16Page - Multicomp Pro MF50 Datasheet HTML 17Page - Multicomp Pro MF50 Datasheet HTML 18Page - Multicomp Pro MF50 Datasheet HTML 19Page - Multicomp Pro MF50 Datasheet HTML 20Page - Multicomp Pro MF50 Datasheet HTML 21Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Page <21>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 500mW 1% 750R
MF50 750R
Resistor, 500mW 1% 750R
MF50 750R.
Resistor, 500mW 1% 75K
MF50 75K
Resistor, 500mW 1% 75R
MF50 75R
Resistor, 500mW 1% 7K5
MF50 7K5
Resistor, 500mW 1% 820K
MF50 820K
Resistor, 500mW 1% 820K
MF50 820K.
Resistor, 500mW 1% 820R
MF50 820R
Resistor, 500mW 1% 82K
MF50 82K
Resistor, 500mW 1% 82R
MF50 82R
Resistor, 500mW 1% 82R
MF50 82R.
Resistor, 500mW 1% 8K2
MF50 8K2
Resistor, 500mW 1% 8K2
MF50 8K2.
Resistor, 500mW 1% 910K
MF50 910K
Resistor, 500mW 1% 910R
MF50 910R
Resistor, 500mW 1% 910R
MF50 910R.
Resistor, 500mW 1% 91K
MF50 91K
Resistor, 500mW 1% 91R
MF50 91R
Resistor, 500mW 1% 91R
MF50 91R.
Resistor, 500mW 1% 9K1
MF50 9K1
Resistor, 500mW 1% 9K1
MF50 9K1.
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com